Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 137 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 137 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 133Page - ATMEL Corporation ATmega1284P Datasheet HTML 134Page - ATMEL Corporation ATmega1284P Datasheet HTML 135Page - ATMEL Corporation ATmega1284P Datasheet HTML 136Page - ATMEL Corporation ATmega1284P Datasheet HTML 137Page - ATMEL Corporation ATmega1284P Datasheet HTML 138Page - ATMEL Corporation ATmega1284P Datasheet HTML 139Page - ATMEL Corporation ATmega1284P Datasheet HTML 140Page - ATMEL Corporation ATmega1284P Datasheet HTML 141Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 380 page
background image
137
8059D–AVR–11/09
ATmega1284P
14.11.9
TIMSK3 – Timer/Counter3 Interrupt Mask Register
• Bit 7:6 – Res: Reserved Bits
These bits are unused bits in the ATmega1284P, and will always read as zero.
• Bit 5 – ICIE3: Timer/Counter3, Input Capture Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter1 Input Capture interrupt is enabled. The corresponding Interrupt
Vector (see “Interrupts” on page 59) is executed when the ICF3 Flag, located in TIFR3, is set.
• Bit 4:3 – Res: Reserved Bits
These bits are unused bits in the ATmega1284P, and will always read as zero.
• Bit 2 – OCIE3B: Timer/Counter3, Output Compare B Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter3 Output Compare B Match interrupt is enabled. The corresponding
Interrupt Vector (see “Interrupts” on page 59) is executed when the OCF3B Flag, located in
TIFR3, is set.
• Bit 1 – OCIE3A: Timer/Counter3, Output Compare A Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter3 Output Compare A Match interrupt is enabled. The corresponding
Interrupt Vector (see “Interrupts” on page 59) is executed when the OCF3A Flag, located in
TIFR3, is set.
• Bit 0 – TOIE3: Timer/Counter3, Overflow Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts globally
enabled), the Timer/Counter3 Overflow interrupt is enabled. The corresponding Interrupt Vector
(See Section “9.3” on page 53.) is executed when the TOV3 Flag, located in TIFR3, is set.
14.11.10 TIFR1 – Timer/Counter1 Interrupt Flag Register
• Bit 7:6 – Res: Reserved Bits
These bits are unused bits in the ATmega1284P, and will always read as zero.
• Bit 5 – ICF1: Timer/Counter1, Input Capture Flag
This flag is set when a capture event occurs on the ICP1 pin. When the Input Capture Register
(ICR1) is set by the WGMn3:0 to be used as the TOP value, the ICF1 Flag is set when the coun-
ter reaches the TOP value.
Bit
7
65
43
2
1
0
(0x71)
–
–
ICIE3
–
–
OCIE3B
OCIE3A
TOIE3
TIMSK3
Read/Write
R
R
R/W
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
76543210
0x16 (0x36)
–
–
ICF1
–
–
OCF1B
OCF1A
TOV1
TIFR1
Read/Write
R
R
R/W
R
R
R/W
R/W
R/W
Initial Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com