Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 174 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 174 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 170Page - ATMEL Corporation ATmega1284P Datasheet HTML 171Page - ATMEL Corporation ATmega1284P Datasheet HTML 172Page - ATMEL Corporation ATmega1284P Datasheet HTML 173Page - ATMEL Corporation ATmega1284P Datasheet HTML 174Page - ATMEL Corporation ATmega1284P Datasheet HTML 175Page - ATMEL Corporation ATmega1284P Datasheet HTML 176Page - ATMEL Corporation ATmega1284P Datasheet HTML 177Page - ATMEL Corporation ATmega1284P Datasheet HTML 178Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 380 page
background image
174
8059D–AVR–11/09
ATmega1284P
f
OSC
System Oscillator clock frequency
UBRRn
Contents of the UBRRHn and UBRRLn Registers, (0-4095)
Some examples of UBRRn values for some system clock frequencies are found in Table 17-9 on
page 194.
17.4.2
Double Speed Operation (U2Xn)
The transfer rate can be doubled by setting the U2Xn bit in UCSRnA. Setting this bit only has
effect for the asynchronous operation. Set this bit to zero when using synchronous operation.
Setting this bit will reduce the divisor of the baud rate divider from 16 to 8, effectively doubling
the transfer rate for asynchronous communication. Note however that the Receiver will in this
case only use half the number of samples (reduced from 16 to 8) for data sampling and clock
recovery, and therefore a more accurate baud rate setting and system clock are required when
this mode is used. For the Transmitter, there are no downsides.
17.4.3
External Clock
External clocking is used by the synchronous slave modes of operation. The description in this
section refers to Figure 17-2 on page 173 for details.
External clock input from the XCKn pin is sampled by a synchronization register to minimize the
chance of meta-stability. The output from the synchronization register must then pass through
an edge detector before it can be used by the Transmitter and Receiver. This process intro-
Table 17-1.
Equations for Calculating Baud Rate Register Setting
Operating Mode
Equation for Calculating Baud
Rate(1)
Equation for Calculating UBRR
Value
Asynchronous Normal
mode (U2Xn = 0)
Asynchronous Double
Speed mode (U2Xn = 1)
Synchronous Master
mode
BAUD
f
OSC
16 UBRRn
1
+
()
------------------------------------------
=
UBRRn
f
OSC
16BAUD
------------------------
1
–
=
BAUD
f
OSC
8 UBRRn
1
+
()
---------------------------------------
=
UBRRn
f
OSC
8BAUD
--------------------
1
–
=
BAUD
f
OSC
2 UBRRn
1
+
()
---------------------------------------
=
UBRRn
f
OSC
2BAUD
--------------------
1
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com