Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 217 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 217 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 213Page - ATMEL Corporation ATmega1284P Datasheet HTML 214Page - ATMEL Corporation ATmega1284P Datasheet HTML 215Page - ATMEL Corporation ATmega1284P Datasheet HTML 216Page - ATMEL Corporation ATmega1284P Datasheet HTML 217Page - ATMEL Corporation ATmega1284P Datasheet HTML 218Page - ATMEL Corporation ATmega1284P Datasheet HTML 219Page - ATMEL Corporation ATmega1284P Datasheet HTML 220Page - ATMEL Corporation ATmega1284P Datasheet HTML 221Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 380 page
background image
217
8059D–AVR–11/09
ATmega1284P
• When the TWINT Flag is set, the user must update all TWI Registers with the value relevant for
the next TWI bus cycle. As an example, TWDR must be loaded with the value to be transmitted
in the next bus cycle.
• After all TWI Register updates and other pending application software tasks have been
completed, TWCR is written. When writing TWCR, the TWINT bit should be set. Writing a one
to TWINT clears the flag. The TWI will then commence executing whatever operation was
specified by the TWCR setting.
In the following an assembly and C implementation of the example is given. Note that the code
below assumes that several definitions have been made, for example by using include-files.
Assembly Code Example
C Example
Comments
1
ldi
r16, (1<<TWINT)|(1<<TWSTA)|
(1<<TWEN)
out
TWCR, r16
TWCR = (1<<TWINT)|(1<<TWSTA)|
(1<<TWEN)
Send START condition
2
wait1:
in
r16,TWCR
sbrs
r16,TWINT
rjmp
wait1
while
(!(TWCR & (1<<TWINT)))
;
Wait for TWINT Flag set. This
indicates that the START condition
has been transmitted
3
in
r16,TWSR
andi
r16, 0xF8
cpi
r16, START
brne
ERROR
if
((TWSR & 0xF8) != START)
ERROR();
Check value of TWI Status
Register. Mask prescaler bits. If
status different from START go to
ERROR
ldi
r16, SLA_W
out
TWDR, r16
ldi
r16, (1<<TWINT) | (1<<TWEN)
out
TWCR, r16
TWDR = SLA_W;
TWCR = (1<<TWINT) | (1<<TWEN);
Load SLA_W into TWDR Register.
Clear TWINT bit in TWCR to start
transmission of address
4
wait2:
in
r16,TWCR
sbrs
r16,TWINT
rjmp
wait2
while
(!(TWCR & (1<<TWINT)))
;
Wait for TWINT Flag set. This
indicates that the SLA+W has been
transmitted, and ACK/NACK has
been received.
5
in
r16,TWSR
andi
r16, 0xF8
cpi
r16, MT_SLA_ACK
brne
ERROR
if
((TWSR & 0xF8) !=
MT_SLA_ACK)
ERROR();
Check value of TWI Status
Register. Mask prescaler bits. If
status different from MT_SLA_ACK
go to ERROR
ldi
r16, DATA
out
TWDR, r16
ldi
r16, (1<<TWINT) | (1<<TWEN)
out
TWCR, r16
TWDR = DATA;
TWCR = (1<<TWINT) | (1<<TWEN);
Load DATA into TWDR Register.
Clear TWINT bit in TWCR to start
transmission of data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com