Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 230 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 230 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 226Page - ATMEL Corporation ATmega1284P Datasheet HTML 227Page - ATMEL Corporation ATmega1284P Datasheet HTML 228Page - ATMEL Corporation ATmega1284P Datasheet HTML 229Page - ATMEL Corporation ATmega1284P Datasheet HTML 230Page - ATMEL Corporation ATmega1284P Datasheet HTML 231Page - ATMEL Corporation ATmega1284P Datasheet HTML 232Page - ATMEL Corporation ATmega1284P Datasheet HTML 233Page - ATMEL Corporation ATmega1284P Datasheet HTML 234Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 380 page
background image
230
8059D–AVR–11/09
ATmega1284P
Figure 19-18. Formats and States in the Slave Transmitter Mode
19.7.5
Miscellaneous States
There are two status codes that do not correspond to a defined TWI state, see Table 19-6.
Status 0xF8 indicates that no relevant information is available because the TWINT Flag is not
set. This occurs between other states, and when the TWI is not involved in a serial transfer.
Status 0x00 indicates that a bus error has occurred during a 2-wire Serial Bus transfer. A bus
error occurs when a START or STOP condition occurs at an illegal position in the format frame.
Examples of such illegal positions are during the serial transfer of an address byte, a data byte,
or an acknowledge bit. When a bus error occurs, TWINT is set. To recover from a bus error, the
TWSTO Flag must set and TWINT must be cleared by writing a logic one to it. This causes the
TWI to enter the not addressed Slave mode and to clear the TWSTO Flag (no other bits in
TWCR are affected). The SDA and SCL lines are released, and no STOP condition is
transmitted.
19.7.6
Combining Several TWI Modes
In some cases, several TWI modes must be combined in order to complete the desired action.
Consider for example reading data from a serial EEPROM. Typically, such a transfer involves
the following steps:
1.
The transfer must be initiated.
2.
The EEPROM must be instructed what location should be read.
3.
The reading must be performed.
4.
The transfer must be finished.
S
SLA
R
A
DATA
A
$A8
$B8
A
$B0
Reception of the own
slave address and one or
more data bytes
Last data byte transmitted.
Switched to not addressed
slave (TWEA = '0')
Arbitration lost as master
and addressed as slave
n
From master to slave
From slave to master
Any number of data bytes
and their associated acknowledge bits
This number (contained in TWSR) corresponds
to a defined state of the Two-Wire Serial Bus. The
prescaler bits are zero or masked to zero
P or S
DATA
$C0
DATA
A
A
$C8
P or S
All 1's
A
Table 19-6.
Miscellaneous States
Status Code
(TWSR)
Prescaler Bits
are 0
Status of the 2-wire Serial Bus
and 2-wire Serial Interface Hard-
ware
Application Software Response
Next Action Taken by TWI Hardware
To/from TWDR
To TWCR
STA
STO
TWINT
TWEA
0xF8
No relevant state information
available; TWINT = “0”
No TWDR action
No TWCR action
Wait or proceed current transfer
0x00
Bus error due to an illegal
START or STOP condition
No TWDR action
0
1
1
X
Only the internal hardware is affected, no STOP condi-
tion is sent on the bus. In all cases, the bus is released
and TWSTO is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com