Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 253 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 253 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 249Page - ATMEL Corporation ATmega1284P Datasheet HTML 250Page - ATMEL Corporation ATmega1284P Datasheet HTML 251Page - ATMEL Corporation ATmega1284P Datasheet HTML 252Page - ATMEL Corporation ATmega1284P Datasheet HTML 253Page - ATMEL Corporation ATmega1284P Datasheet HTML 254Page - ATMEL Corporation ATmega1284P Datasheet HTML 255Page - ATMEL Corporation ATmega1284P Datasheet HTML 256Page - ATMEL Corporation ATmega1284P Datasheet HTML 257Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 380 page
background image
253
8059D–AVR–11/09
ATmega1284P
21.8
ADC Conversion Result
After the conversion is complete (ADIF is high), the conversion result can be found in the ADC
Result Registers (ADCL, ADCH).
For single ended conversion, the result is
where V
IN is the voltage on the selected input pin and VREF the selected voltage reference (see
Table 21-3 on page 255 and Table 21-4 on page 256). 0x000 represents analog ground, and
0x3FF represents the selected reference voltage minus one LSB.
If differential channels are used, the result is
where V
POS is the voltage on the positive input pin, VNEG the voltage on the negative input pin,
GAIN the selected gain factor, and V
REF the selected voltage reference. The result is presented
in two’s complement form, from 0x200 (-512d) through 0x1FF (+511d). Note that if the user
wants to perform a quick polarity check of the results, it is sufficient to read the MSB of the result
(ADC9 in ADCH). If this bit is one, the result is negative, and if this bit is zero, the result is posi-
tive. Figure 21-14 on page 254 shows the decoding of the differential input range.
Table 21-2 on page 254 shows the resulting output codes if the differential input channel pair
(ADCn - ADCm) is selected with a gain of GAIN and a reference voltage of V
REF.
ADC
V
IN
1024
⋅
V
REF
--------------------------
=
ADC
V
POS
V
NEG
–
() GAIN 512
⋅⋅
V
REF
------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com