Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 280 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 280 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 276Page - ATMEL Corporation ATmega1284P Datasheet HTML 277Page - ATMEL Corporation ATmega1284P Datasheet HTML 278Page - ATMEL Corporation ATmega1284P Datasheet HTML 279Page - ATMEL Corporation ATmega1284P Datasheet HTML 280Page - ATMEL Corporation ATmega1284P Datasheet HTML 281Page - ATMEL Corporation ATmega1284P Datasheet HTML 282Page - ATMEL Corporation ATmega1284P Datasheet HTML 283Page - ATMEL Corporation ATmega1284P Datasheet HTML 284Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 380 page
background image
280
8059D–AVR–11/09
ATmega1284P
Note:
1. “1” means unprogrammed, “0” means programmed
Note:
1. “1” means unprogrammed, “0” means programmed
24.6
Entering the Boot Loader Program
Entering the Boot Loader takes place by a jump or call from the application program. This may
be initiated by a trigger such as a command received via USART, or SPI interface. Alternatively,
the Boot Reset Fuse can be programmed so that the Reset Vector is pointing to the Boot Flash
start address after a reset. In this case, the Boot Loader is started after a reset. After the applica-
tion code is loaded, the program can start executing the application code. Note that the fuses
cannot be changed by the MCU itself. This means that once the Boot Reset Fuse is pro-
grammed, the Reset Vector will always point to the Boot Loader Reset and the fuse can only be
changed through the serial or parallel programming interface.
Note:
1. “1” means unprogrammed, “0” means programmed
Table 24-2.
Boot Lock Bit0 Protection Modes (Application Section)(1)
BLB0 Mode
BLB02
BLB01
Protection
11
1
No restrictions for SPM or (E)LPM accessing the Application
section.
2
1
0
SPM is not allowed to write to the Application section.
30
0
SPM is not allowed to write to the Application section, and
(E)LPM executing from the Boot Loader section is not allowed to
read from the Application section. If Interrupt Vectors are placed
in the Boot Loader section, interrupts are disabled while
executing from the Application section.
40
1
(E)LPM executing from the Boot Loader section is not allowed to
read from the Application section. If Interrupt Vectors are placed
in the Boot Loader section, interrupts are disabled while
executing from the Application section.
Table 24-3.
Boot Lock Bit1 Protection Modes (Boot Loader Section)
(1)
BLB1 Mode
BLB12
BLB11
Protection
11
1
No restrictions for SPM or (E)LPM accessing the Boot Loader
section.
2
1
0
SPM is not allowed to write to the Boot Loader section.
30
0
SPM is not allowed to write to the Boot Loader section, and
(E)LPM executing from the Application section is not allowed to
read from the Boot Loader section. If Interrupt Vectors are
placed in the Application section, interrupts are disabled while
executing from the Boot Loader section.
40
1
(E)LPM executing from the Application section is not allowed to
read from the Boot Loader section. If Interrupt Vectors are
placed in the Application section, interrupts are disabled while
executing from the Boot Loader section.
Table 24-4.
Boot Reset Fuse
(1)
BOOTRST
Reset Address
1
Reset Vector = Application Reset (address 0x0000)
0
Reset Vector = Boot Loader Reset (see Table 24-7 on page 288)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com