Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 340 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 340 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 336Page - ATMEL Corporation ATmega1284P Datasheet HTML 337Page - ATMEL Corporation ATmega1284P Datasheet HTML 338Page - ATMEL Corporation ATmega1284P Datasheet HTML 339Page - ATMEL Corporation ATmega1284P Datasheet HTML 340Page - ATMEL Corporation ATmega1284P Datasheet HTML 341Page - ATMEL Corporation ATmega1284P Datasheet HTML 342Page - ATMEL Corporation ATmega1284P Datasheet HTML 343Page - ATMEL Corporation ATmega1284P Datasheet HTML 344Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 380 page
background image
340
8059D–AVR–11/09
ATmega1284P
27.3
Supply Current of I/O modules
The tables and formulas below can be used to calculate the additional current consumption for
the different I/O modules in Active and Idle mode. The enabling or disabling of the I/O modules
are controlled by the Power Reduction Register. See ”PRR0 – Power Reduction Register 0” on
page 46 for details.
It is possible to calculate the typical current consumption based on the numbers from Table 27-2
on page 340 for other V
CC and frequency settings than listed in Table 27-1 on page 340.
Example
Calculate the expected current consumption in idle mode with TIMER1, ADC, and SPI enabled
at V
CC = 2.0V and F = 1MHz. From Table 27-2 on page 340, third column, we see that we need
to add 8.0% for the TIMER1, 19.8% for the ADC, and 13.2% for the SPI module. Reading from
Figure 27-7 on page 337
, we find that the idle current consumption is ~0.075 mA at V
CC = 2.0V
and F = 1MHz. The total current consumption in idle mode with TIMER1, ADC, and SPI enabled,
gives:
Table 27-1.
Additional Current Consumption for the different I/O modules (absolute values)
PRR bit
Typical numbers in
VCC = 2V, F = 1 MHz
VCC = 3V, F = 4 MHz
VCC = 5V, F = 8 MHz
PRUSART1
3.0 µA
19.2 µA
87.7 µA
PRUSART0
2.9 µA
19.2 µA
88.5 µA
PRTWI
7.5 µA
49.3 µA
230.3 µA
PRTIM3
4.0 µA
24.7 µA
105.5 µA
PRTIM2
6.0 µA
39.7 µA
176.3 µA
PRTIM1
4.2 µA
26.4 µA
113.7 µA
PRTIM0
1.7 µA
11.6 µA
54.3 µA
PRADC
13.5 µA
54.7 µA
273 µA
PRSPI
5.7 µA
40.6 µA
212.2 µA
Table 27-2.
Additional Current Consumption (percentage) in Active and Idle mode
PRR bit
Additional Current consumption
compared to Active with external
clock (see Figure 27-1 on page
334 and Figure 27-2 on page 335)
Additional Current consumption
compared to Idle with external
clock (see Figure 27-6 on page
337 and Figure 27-7 on page 337)
PRUSART1
0.9%
6.0%
PRUSART0
0.9%
6.0%
PRTWI
2.3%
15.4%
PRTIM3
1.1%
7.5%
PRTIM2
1.8%
12.1%
PRTIM1
1.2%
8.0%
PRTIM0
0.5%
3.6%
PRTADC
3.0%
19.8%
PRSPI
2.0%
13.2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com