Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega1284P Datasheet(PDF) 362 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 362 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 358Page - ATMEL Corporation ATmega1284P Datasheet HTML 359Page - ATMEL Corporation ATmega1284P Datasheet HTML 360Page - ATMEL Corporation ATmega1284P Datasheet HTML 361Page - ATMEL Corporation ATmega1284P Datasheet HTML 362Page - ATMEL Corporation ATmega1284P Datasheet HTML 363Page - ATMEL Corporation ATmega1284P Datasheet HTML 364Page - ATMEL Corporation ATmega1284P Datasheet HTML 365Page - ATMEL Corporation ATmega1284P Datasheet HTML 366Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 380 page
background image
362
8059D–AVR–11/09
ATmega1284P
(0x7E)
DIDR0
ADC7D
ADC6D
ADC5D
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
259
(0x7D)
Reserved
-
-
-
-
-
-
-
-
(0x7C)
ADMUX
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
255
(0x7B)
ADCSRB
-ACME
-
-
-
ADTS2
ADTS1
ADTS0
238
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
257
(0x79)
ADCH
ADC Data Register High byte
258
(0x78)
ADCL
ADC Data Register Low byte
258
(0x77)
Reserved
-
-
-
-
-
-
-
-
(0x76)
Reserved
-
-
-
-
-
-
-
-
(0x75)
Reserved
-
-
-
-
-
-
-
-
(0x74)
Reserved
-
-
-
-
-
-
-
-
(0x73)
PCMSK3
PCINT31
PCINT30
PCINT29
PCINT28
PCINT27
PCINT26
PCINT25
PCINT24
68
(0x72)
Reserved
-
-
-
-
-
-
-
-
(0x71)
TIMSK3
-
-ICIE3
-
-
OCIE3B
OCIE3A
TOIE3
137
(0x70)
TIMSK2
-
-
-
-
-
OCIE2B
OCIE2A
TOIE2
159
(0x6F)
TIMSK1
-
-ICIE1
-
-
OCIE1B
OCIE1A
TOIE1
136
(0x6E)
TIMSK0
-
-
-
-
-
OCIE0B
OCIE0A
TOIE0
108
(0x6D)
PCMSK2
PCINT23
PCINT22
PCINT21
PCINT20
PCINT19
PCINT18
PCINT17
PCINT16
68
(0x6C)
PCMSK1
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
68
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
69
(0x6A)
Reserved
-
-
-
-
-
-
-
-
(0x69)
EICRA
-
-
ISC21
ISC20
ISC11
ISC10
ISC01
ISC00
65
(0x68)
PCICR
-
-
-
-
PCIE3
PCIE2
PCIE1
PCIE0
67
(0x67)
Reserved
-
-
-
-
-
-
-
-
(0x66)
OSCCAL
Oscillator Calibration Register
38
(0x65)
PRR1
-
-
-
-
-
-
-PRTIM3
46
(0x64)
PRR0
PRTWI
PRTIM2
PRTIM0
PRUSART1
PRTIM1
PRSPI
PRUSART0
PRADC
46
(0x63)
Reserved
-
-
-
-
-
-
-
-
(0x62)
Reserved
-
-
-
-
-
-
-
-
(0x61)
CLKPR
CLKPCE
-
-
-
CLKPS3
CLKPS2
CLKPS1
CLKPS0
38
(0x60)
WDTCSR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
57
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
8
0x3E (0x5E)
SPH
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
9
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
9
0x3C (0x5C)
Reserved
-
-
-
-
-
-
-
-
0x3B (0x5B)
RAMPZ
-
-
-
-
-
-
-
RAMPZ0
12
0x3A (0x5A)
Reserved
-
-
-
-
-
-
-
-
0x39 (0x59)
Reserved
-
-
-
-
-
-
-
-
0x38 (0x58)
Reserved
-
-
-
-
-
-
-
-
0x37 (0x57)
SPMCSR
SPMIE
RWWSB
SIGRD
RWWSRE
BLBSET
PGWRT
PGERS
SPMEN
289
0x36 (0x56)
Reserved
-
-
-
-
-
-
-
-
0x35 (0x55)
MCUCR
JTD
BODS
BODSE
PUD
-
-
IVSEL
IVCE
90/275
0x34 (0x54)
MCUSR
-
-
-
JTRF
WDRF
BORF
EXTRF
PORF
56/275
0x33 (0x53)
SMCR
-
-
-
-
SM2
SM1
SM0
SE
45
0x32 (0x52)
Reserved
-
-
-
-
-
-
-
-
0x31 (0x51)
OCDR
On-Chip Debug Register
265
0x30 (0x50)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
257
0x2F (0x4F)
Reserved
-
-
-
-
-
-
-
-
0x2E (0x4E)
SPDR
SPI 0 Data Register
170
0x2D (0x4D)
SPSR
SPIF0
WCOL0
-
-
-
-
-SPI2X0
169
0x2C (0x4C)
SPCR
SPIE0
SPE0
DORD0
MSTR0
CPOL0
CPHA0
SPR01
SPR00
168
0x2B (0x4B)
GPIOR2
General Purpose I/O Register 2
26
0x2A (0x4A)
GPIOR1
General Purpose I/O Register 1
26
0x29 (0x49)
Reserved
-
-
-
-
-
-
-
-
0x28 (0x48)
OCR0B
Timer/Counter0 Output Compare Register B
108
0x27 (0x47)
OCR0A
Timer/Counter0 Output Compare Register A
107
0x26 (0x46)
TCNT0
Timer/Counter0 (8 Bit)
107
0x25 (0x45)
TCCR0B
FOC0A
FOC0B
-
-
WGM02
CS02
CS01
CS00
106
0x24 (0x44)
TCCR0A
COM0A1
COM0A0
COM0B1
COM0B0
-
-
WGM01
WGM00
108
0x23 (0x43)
GTCCR
TSM
-
-
-
-
-
PSR2
PSR54310
160
0x22 (0x42)
EEARH
-
-
-
-
EEPROM Address Register High Byte
21
0x21 (0x41)
EEARL
EEPROM Address Register Low Byte
21
0x20 (0x40)
EEDR
EEPROM Data Register
21
0x1F (0x3F)
EECR
-
-
EEPM1
EEPM0
EERIE
EEMWE
EEWE
EERE
21
0x1E (0x3E)
GPIOR0
General Purpose I/O Register 0
26
0x1D (0x3D)
EIMSK
-
-
-
-
-
INT2
INT1
INT0
66
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com