Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E12LR2C Datasheet(PDF) 1 Page - HB Electronic Components

Part # E12LR2C
Description  EMITTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

E12LR2C Datasheet(HTML) 1 Page - HB Electronic Components

  E12LR2C Datasheet HTML 1Page - HB Electronic Components E12LR2C Datasheet HTML 2Page - HB Electronic Components E12LR2C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page: 1 of 3
(07
Part No. E12LR2C
Features
Highest Flux
RED
High reliability and Very long operating life
(up to 100K hours)
Low voltage DC operated
More Energy Efficient than Incandescent
and most Halogen lamps
NO UV
Superior ESD protection
Typical Applications
Decorative
Portable(flashlight,bicycle)
Automotive Exterior(Stop-Tail-Turn,
CHMSL,Mirror Side Repeat)
NOTE:
All dimensions are millimetres.
Tolerance is f 0.1mm unless otherivise noted
60¡ ã
30¡ ã
1.0
90¡ ã
0.5
1.0
0.5
Ta=25¡ ãC
IF=20mA
60¡ ã
30¡ ã
90¡ ã
0
0¡ ã
0¡ ã
DIRECTIVITY
Radiation Angle
EMITTER Ⅰ
Cathode
(1) Lead
(2) Slug
(4) Lens
(3) Body


Similar Part No. - E12LR2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
E12LG2C HB-E12LG2C Datasheet
127Kb / 4P
Highest Flux Green
E12LG2C-O HB-E12LG2C-O Datasheet
532Kb / 5P
Low voltage DC operated
E12LY9C HB-E12LY9C Datasheet
307Kb / 3P
EMITTER
E12LY9C-O HB-E12LY9C-O Datasheet
567Kb / 5P
Low voltage DC operated
More results

Similar Description - E12LR2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
E12EB7C HB-E12EB7C Datasheet
350Kb / 3P
EMITTER
E12LY9C HB-E12LY9C Datasheet
307Kb / 3P
EMITTER
E12PW6C HB-E12PW6C Datasheet
92Kb / 4P
EMITTER
logo
Marktech Corporate
MT3700N3-UV MARKTECH-MT3700N3-UV Datasheet
695Kb / 4P
UV Emitter
MTE280F13-UV MARKTECH-MTE280F13-UV Datasheet
915Kb / 4P
Ultraviolet Emitter
MTE280SMD-UV MARKTECH-MTE280SMD-UV Datasheet
1,003Kb / 5P
Ultraviolet Emitter
MTE310SMD4-UV MARKTECH-MTE310SMD4-UV Datasheet
1Mb / 5P
Ultraviolet Emitter
MTE2056M3A MARKTECH-MTE2056M3A Datasheet
654Kb / 4P
Visible Emitter
logo
Vincotech
20-1B12IPA008SC-L239C09 VINCOTECH-20-1B12IPA008SC-L239C09 Datasheet
752Kb / 9P
Open Emitter or Emitter Shunt
20-1B12IPA015SC-L579F09 VINCOTECH-20-1B12IPA015SC-L579F09 Datasheet
1Mb / 11P
Open Emitter or Emitter Shunt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com