Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATxmega32A4-CU Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATxmega32A4-CU
Description  8/16-bit XMEGA A4 Microcontroller
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATxmega32A4-CU Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATxmega32A4-CU Datasheet HTML 9Page - ATMEL Corporation ATxmega32A4-CU Datasheet HTML 10Page - ATMEL Corporation ATxmega32A4-CU Datasheet HTML 11Page - ATMEL Corporation ATxmega32A4-CU Datasheet HTML 12Page - ATMEL Corporation ATxmega32A4-CU Datasheet HTML 13Page - ATMEL Corporation ATxmega32A4-CU Datasheet HTML 14Page - ATMEL Corporation ATxmega32A4-CU Datasheet HTML 15Page - ATMEL Corporation ATxmega32A4-CU Datasheet HTML 16Page - ATMEL Corporation ATxmega32A4-CU Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
13
8069L–AVR–11/09
XMEGA A4
7.4.3
EEPROM Data Memory
The XMEGA A4 devices have internal EEPROM memory for non-volatile data storage. It is
addressable either in a separate data space or it can be memory mapped into the normal data
memory space. The EEPROM memory supports both byte and page access.
7.5
Production Signature Row
The Production Signature Row is a separate memory section for factory programmed data. It
contains calibration data for functions such as oscillators and analog modules.
The production signature row also contains a device ID that identify each microcontroller device
type, and a serial number that is unique for each manufactured device. The device ID for the
available XMEGA A4 devices is shown in Table 7-1 on page 13. The serial number consist of
the production LOT number, wafer number, and wafer coordinates for the device.
The production signature row can not be written or erased, but it can be read from both applica-
tion software and external programming.
Table 7-1.
Device ID bytes for XMEGA A4 devices.
7.6
User Signature Row
The User Signature Row is a separate memory section that is fully accessible (read and write)
from application software and external programming. The user signature row is one flash page
in size, and is meant for static user parameter storage, such as calibration data, custom serial
numbers or identification numbers, random number seeds etc. This section is not erased by
Chip Erase commands that erase the Flash, and requires a dedicated erase command. This
ensures parameter storage during multiple program/erase session and on-chip debug sessions.
Device
Device ID bytes
Byte 2
Byte 1
Byte 0
ATxmega16A4
41
94
1E
ATxmega32A4
41
95
1E
ATxmega64A4
46
96
1E
ATxmega128A4
46
97
1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com