Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny13A-SH Datasheet(PDF) 124 Page - ATMEL Corporation

Part # ATtiny13A-SH
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A-SH Datasheet(HTML) 124 Page - ATMEL Corporation

Back Button ATtiny13A-SH Datasheet HTML 120Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 121Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 122Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 123Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 124Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 125Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 126Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 127Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 128Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 174 page
background image
124
8126D–AVR–11/09
ATtiny13A
19. Typical Characteristics
The data contained in this section is largely based on simulations and characterization of similar
devices in the same process and design methods. Thus, the data should be treated as indica-
tions of how the part will behave.
The following charts show typical behavior. These figures are not tested during manufacturing.
During characterisation devices are operated at frequencies higher than test limits but they are
not guaranteed to function properly at frequencies higher than the ordering code indicates.
All current consumption measurements are performed with all I/O pins configured as inputs and
with internal pull-ups enabled. Current consumption is a function of several factors such as oper-
ating voltage, operating frequency, loading of I/O pins, switching rate of I/O pins, code executed
and ambient temperature. The dominating factors are operating voltage and frequency.
A sine wave generator with rail-to-rail output is used as clock source but current consumption in
Power-Down mode is independent of clock selection. The difference between current consump-
tion in Power-Down mode with Watchdog Timer enabled and Power-Down mode with Watchdog
Timer disabled represents the differential current drawn by the Watchdog Timer.
The current drawn from pins with a capacitive load may be estimated (for one pin) as follows:
where V
CC = operating voltage, C
L = load capacitance and fSW = average switching frequency of
I/O pin.
19.1 Supply Current of I/O Modules
Using Table 19-1, the typical characteristics of this section and the equation given one can cal-
culate the additional current consumption for peripheral modules in active and idle mode.
Peripheral modules are enabled and disabled via control bits in the Power Reduction Register.
See “Power Reduction Register” on page 31 for details.
19.1.1
Example
Estimate current consumption in idle mode, with Timer/Counter0 and ADC enabled, the device
running at 2V and with 1MHz external clock.
From Figure 19-7 on page 128 we find idle supply current ICC = 0.03mA. Using Figure 19-55 on
page 152 we find ADC supply current IADC = 0.18mA, and using Table 19-1 we find
Timer/Counter0 supply current ITC0 = 0.004mA. The total current consumption in idle mode is
therefore ICCTOT = 0.214mA, approximately 0.21mA.
ICP VCC CL f
×
×
SW
≈
Table 19-1.
Additional Current Consumption (Absolute) for Peripherals
PRR bit
Typical numbers
VCC = 2V, f = 1MHz
VCC = 3V, f = 4MHz
VCC = 5V, f = 8MHz
PRTIM0
4 µA
25 µA
115 µA
PRADC
180 µA
260 µA
460 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com