Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny13A-SH Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATtiny13A-SH
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A-SH Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATtiny13A-SH Datasheet HTML 11Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 12Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 13Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 14Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 15Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 16Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 17Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 18Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 174 page
background image
15
8126D–AVR–11/09
ATtiny13A
5. Memories
This section describes the different memories in the ATtiny13A. The AVR architecture has two
main memory spaces, the Data memory and the Program memory space. In addition, the
ATtiny13A features an EEPROM Memory for data storage. All three memory spaces are linear
and regular.
5.1
In-System Reprogrammable Flash Program Memory
The ATtiny13A contains 1K byte On-chip In-System Reprogrammable Flash memory for pro-
gram storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is organized as 512 x
16.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The ATtiny13A Pro-
gram Counter (PC) is nine bits wide, thus addressing the 512 Program memory locations.
“Memory Programming” on page 103 contains a detailed description on Flash data serial down-
loading using the SPI pins.
Constant tables can be allocated within the entire Program memory address space (see the
LPM – Load Program memory instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execution Tim-
ing” on page 12.
Figure 5-1.
Program Memory Map
5.2
SRAM Data Memory
Figure 5-2 on page 16 shows how the ATtiny13A SRAM Memory is organized.
The lower 160 Data memory locations address both the Register File, the I/O memory and the
internal data SRAM. The first 32 locations address the Register File, the next 64 locations the
standard I/O memory, and the last 64 locations address the internal data SRAM.
The five different addressing modes for the Data memory cover: Direct, Indirect with Displace-
ment, Indirect, Indirect with Pre-decrement, and Indirect with Post-increment. In the Register
File, registers R26 to R31 feature the indirect addressing pointer registers.
The direct addressing reaches the entire data space.
The Indirect with Displacement mode reaches 63 address locations from the base address given
by the Y- or Z-register.
0x0000
0x01FF
Program Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com