Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATtiny13A-SH Datasheet(PDF) 140 Page - ATMEL Corporation

Part # ATtiny13A-SH
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny13A-SH Datasheet(HTML) 140 Page - ATMEL Corporation

Back Button ATtiny13A-SH Datasheet HTML 136Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 137Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 138Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 139Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 140Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 141Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 142Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 143Page - ATMEL Corporation ATtiny13A-SH Datasheet HTML 144Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 174 page
background image
140
8126D–AVR–11/09
ATtiny13A
Figure 19-31. Reset Pin as I/O - Output Voltage vs. Source Current
Figure 19-32. Reset Pin as I/O - Output Voltage vs. Source Current
OUTPUT VOLTAGE vs. SOURCE CURRENT
RESET PIN AS I/O
5.0 V
3.0 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
IOH (mA)
1.8 V
OUTPUT VOLTAGE vs. SINK CURRENT
RESET PIN AS I/O
5.0 V
3.0 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.5
1
1.5
2
IOL (mA)
1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com