| Electronic Components Datasheet Search |
|
ATtiny4-TSHR Datasheet(PDF) 98 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny4-TSHR Datasheet(HTML) 98 Page - ATMEL Corporation |
|
98 / 168 page ![]() 98 8127C–AVR–10/09 ATtiny4/5/9/10 14.3.2 Disabling Provided that the NVM enable bit has been cleared, the TPI is automatically disabled if the RESET pin is released to inactive high state or, alternatively, if VHV is no longer applied to the RESET pin. If the NVM enable bit is not cleared a power down is required to exit TPI programming mode. See NVMEN bit in “TPISR – Tiny Programming Interface Status Register” on page 106. 14.3.3 Frame Format The TPI physical layer supports a fixed frame format. A frame consists of one character, eight bits in length, and one start bit, a parity bit and two stop bits. Data is transferred with the least significant bit first. Figure 14-4. Serial frame format. Symbols used in Figure 14-4: ST: Start bit (always low) D0-D7: Data bits (least significant bit sent first) P: Parity bit (using even parity) SP1: Stop bit 1 (always high) SP2: Stop bit 2 (always high) 14.3.4 Parity Bit Calculation The parity bit is always calculated using even parity. The value of the bit is calculated by doing an exclusive-or of all the data bits, as follows: P = D0 ⊗ D1 ⊗ D2 ⊗ D3 ⊗ D4 ⊗ D5 ⊗ D6 ⊗ D7 ⊗ 0 where: P: Parity bit using even parity D0-D7: Data bits of the character 14.3.5 Supported Characters The BREAK character is equal to a 12 bit long low level. It can be extended beyond a bit-length of 12. Figure 14-5. Supported characters. TPIDATA TPICLK SP1 ST SP2 IDLE/ST IDLE P D1 D0 D7 IDLE/ST IDLE BREAK CHARACTER DATA CHARACTER SP1 ST SP2 IDLE/ST IDLE P D1 D0 D7 TPIDATA TPIDATA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |