Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega644PA Datasheet(PDF) 88 Page - ATMEL Corporation

Part # ATmega644PA
Description  8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
PDF  468 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega644PA Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button ATmega644PA Datasheet HTML 84Page - ATMEL Corporation ATmega644PA Datasheet HTML 85Page - ATMEL Corporation ATmega644PA Datasheet HTML 86Page - ATMEL Corporation ATmega644PA Datasheet HTML 87Page - ATMEL Corporation ATmega644PA Datasheet HTML 88Page - ATMEL Corporation ATmega644PA Datasheet HTML 89Page - ATMEL Corporation ATmega644PA Datasheet HTML 90Page - ATMEL Corporation ATmega644PA Datasheet HTML 91Page - ATMEL Corporation ATmega644PA Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 468 page
background image
88
8152G–AVR–11/09
ATmega164PA/324PA/644PA/1284P
• TMS/PCINT19 – Port C, Bit 3
TMS, JTAG Test Mode Select.
PCINT19, Pin Change Interrupt source 19: The PC3 pin can serve as an external interrupt
source.
• TCK/PCINT18 – Port C, Bit 2
TCK, JTAG Test Clock.
PCINT18, Pin Change Interrupt source 18: The PC2 pin can serve as an external interrupt
source.
• SDA/PCINT17 – Port C, Bit 1
SDA, 2-wire Serial Bus Data Input/Output Line.
PCINT17, Pin Change Interrupt source 17: The PC1 pin can serve as an external interrupt
source.
• SCL/PCINT16 – Port C, Bit 0
SCL, 2-wire Serial Bus Clock Line.
PCINT16, Pin Change Interrupt source 16: The PC0 pin can serve as an external interrupt
source.
Table 13-10 and Table 13-11 relate the alternate functions of Port C to the overriding signals
shown in Figure 13-5 on page 80.
Table 13-10. Overriding Signals for Alternate Functions in PC7:PC4
Signal
Name
PC7/TOSC2/
PCINT23
PC6/TOSC1/
PCINT22
PC5/TDI/
PCINT21
PC4/TDO/
PCINT20
PUOE
AS2 • EXCLK
AS2
JTAGEN
JTAGEN
PUOV
0
011
DDOE
AS2 • EXCLK
AS2
JTAGEN
JTAGEN
DDOV
0
0
0
SHIFT_IR +
SHIFT_DR
PVOE
0
00JTAGEN
PVOV
0
00TDO
DIEOE
AS2 • EXCLK +
PCINT23 • PCIE2
AS2 +
PCINT22 • PCIE2
JTAGEN +
PCINT21 • PCIE2
JTAGEN +
PCINT20 • PCIE2
DIEOV
AS2
EXCLK + AS2
JTAGEN
JTAGEN
DI
PCINT23 INPUT
PCINT22 INPUT
PCINT21 INPUT
PCINT20 INPUT
AIO
T/C2 OSC OUTPUT
T/C2 OSC
INPUT
TDI INPUT
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com