Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega64A Datasheet(PDF) 107 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 107 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 103Page - ATMEL Corporation ATmega64A Datasheet HTML 104Page - ATMEL Corporation ATmega64A Datasheet HTML 105Page - ATMEL Corporation ATmega64A Datasheet HTML 106Page - ATMEL Corporation ATmega64A Datasheet HTML 107Page - ATMEL Corporation ATmega64A Datasheet HTML 108Page - ATMEL Corporation ATmega64A Datasheet HTML 109Page - ATMEL Corporation ATmega64A Datasheet HTML 110Page - ATMEL Corporation ATmega64A Datasheet HTML 111Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 392 page
background image
107
8160C–AVR–07/09
ATmega64A
When OC0 is connected to the pin, the function of the COM01:0 bits depends on the WGM01:0
bit setting. Table 14-3 shows the COM01:0 bit functionality when the WGM01:0 bits are set to a
Normal or CTC mode (non-PWM).
Table 14-4 shows the COM01:0 bit functionality when the WGM01:0 bits are set to fast PWM
mode.
Note:
1. A special case occurs when OCR0 equals TOP and COM01 is set. In this case, the Compare
Match is ignored, but the set or clear is done at BOTTOM. See “Fast PWM Mode” on page 98
for more details.
Table 14-5 shows the COM01:0 bit functionality when the WGM01:0 bits are set to phase cor-
rect PWM mode.
Note:
1. A special case occurs when OCR0 equals TOP and COM01 is set. In this case, the Compare
Match is ignored, but the set or clear is done at TOP. See “Phase Correct PWM Mode” on page
100 for more details.
• Bit 2:0 – CS02:0: Clock Select
The three Clock Select bits select the clock source to be used by the Timer/Counter, see Table
14-6.
Table 14-3.
Compare Output Mode, non-PWM Mode
COM01
COM00
Description
0
0
Normal port operation, OC0 disconnected.
0
1
Toggle OC0 on Compare Match.
1
0
Clear OC0 on Compare Match.
1
1
Set OC0 on Compare Match.
Table 14-4.
Compare Output Mode, Fast PWM Mode
(1)
COM01
COM00
Description
0
0
Normal port operation, OC0 disconnected.
01
Reserved
1
0
Clear OC0 on Compare Match, set OC0 at BOTTOM,
(non-inverting mode).
1
1
Set OC0 on Compare Match, clear OC0 at BOTTOM,
(inverting mode).
Table 14-5.
Compare Output Mode, Phase Correct PWM Mode
(1)
COM01
COM00
Description
0
0
Normal port operation, OC0 disconnected.
0
1
Reserved.
1
0
Clear OC0 on Compare Match when up-counting. Set OC0 on Compare Match
when downcounting.
1
1
Set OC0 on Compare Match when up-counting. Clear OC0 on Compare Match
when downcounting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com