Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega64A Datasheet(PDF) 373 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 373 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 369Page - ATMEL Corporation ATmega64A Datasheet HTML 370Page - ATMEL Corporation ATmega64A Datasheet HTML 371Page - ATMEL Corporation ATmega64A Datasheet HTML 372Page - ATMEL Corporation ATmega64A Datasheet HTML 373Page - ATMEL Corporation ATmega64A Datasheet HTML 374Page - ATMEL Corporation ATmega64A Datasheet HTML 375Page - ATMEL Corporation ATmega64A Datasheet HTML 376Page - ATMEL Corporation ATmega64A Datasheet HTML 377Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 392 page
background image
373
8160C–AVR–07/09
ATmega64A
30. Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
(0xFF)
Reserved
–
–
–
–
–
–
–
–
:
Reserved
–
–
–
–
–
–
–
–
(0x9E)
Reserved
–
–
–
–
–
–
–
–
(0x9D)
UCSR1C
–
UMSEL1
UPM11
UPM10
USBS1
UCSZ11
UCSZ10
UCPOL1
198
(0x9C)
UDR1
USART1 I/O Data Register
196
(0x9B)
UCSR1A
RXC1
TXC1
UDRE1
FE1
DOR1
UPE1
U2X1
MPCM1
196
(0x9A)
UCSR1B
RXCIE1
TXCIE1
UDRIE1
RXEN1
TXEN1
UCSZ12
RXB81
TXB81
197
(0x99)
UBRR1L
USART1 Baud Rate Register Low
200
(0x98)
UBRR1H
–
–
–
–
USART1 Baud Rate Register High
200
(0x97)
Reserved
–
–
–
–
–
–
–
–
(0x96)
Reserved
–
–
–
–
–
–
–
–
(0x95)
UCSR0C
–
UMSEL0
UPM01
UPM00
USBS0
UCSZ01
UCSZ00
UCPOL0
198
(0x94)
Reserved
–
–
–
–
–
–
–
–
(0x93)
Reserved
–
–
–
–
–
–
–
–
(0x92)
Reserved
–
–
–
–
–
–
–
–
(0x91)
Reserved
–
–
–
–
–
–
–
–
(0x90)
UBRR0H
–
–
–
–
USART0 Baud Rate Register High
200
(0x8F)
Reserved
–
–
–
–
–
–
–
–
(0x8E)
ADCSRB
–
–
–
–
–
ADTS2
ADTS1
ADTS0
251
(0x8D)
Reserved
–
–
–
–
–
–
–
–
(0x8C)
TCCR3C
FOC3A
FOC3B
FOC3C
–
–
–
–
–
137
(0x8B)
TCCR3A
COM3A1
COM3A0
COM3B1
COM3B0
COM3C1
COM3C0
WGM31
WGM30
133
(0x8A)
TCCR3B
ICNC3
ICES3
–
WGM33
WGM32
CS32
CS31
CS30
135
(0x89)
TCNT3H
Timer/Counter3 – Counter Register High Byte
137
(0x88)
TCNT3L
Timer/Counter3 – Counter Register Low Byte
137
(0x87)
OCR3AH
Timer/Counter3 – Output Compare Register A High Byte
138
(0x86)
OCR3AL
Timer/Counter3 – Output Compare Register A Low Byte
138
(0x85)
OCR3BH
Timer/Counter3 – Output Compare Register B High Byte
138
(0x84)
OCR3BL
Timer/Counter3 – Output Compare Register B Low Byte
138
(0x83)
OCR3CH
Timer/Counter3 – Output Compare Register C High Byte
138
(0x82)
OCR3CL
Timer/Counter3 – Output Compare Register C Low Byte
138
(0x81)
ICR3H
Timer/Counter3 – Input Capture Register High Byte
139
(0x80)
ICR3L
Timer/Counter3 – Input Capture Register Low Byte
139
(0x7F)
Reserved
–
–
–
–
–
–
–
–
(0x7E)
Reserved
–
–
–
–
–
–
–
–
(0x7D)
ETIMSK
–
–
TICIE3
OCIE3A
OCIE3B
TOIE3
OCIE3C
OCIE1C
140
(0x7C)
ETIFR
–
–
ICF3
OCF3A
OCF3B
TOV3
OCF3C
OCF1C
141
(0x7B)
Reserved
–
–
–
–
–
–
–
–
(0x7A)
TCCR1C
FOC1A
FOC1B
FOC1C
–
–
–
–
–
136
(0x79)
OCR1CH
Timer/Counter1 – Output Compare Register C High Byte
138
(0x78)
OCR1CL
Timer/Counter1 – Output Compare Register C Low Byte
138
(0x77)
Reserved
–
–
–
–
–
–
–
–
(0x76)
Reserved
–
–
–
–
–
–
–
–
(0x75)
Reserved
–
–
–
–
–
–
–
–
(0x74)
TWCR
TWINT
TWEA
TWSTA
TWSTO
TWWC
TWEN
–
TWIE
226
(0x73)
TWDR
Two-wire Serial Interface Data Register
228
(0x72)
TWAR
TWA6
TWA5
TWA4
TWA3
TWA2
TWA1
TWA0
TWGCE
229
(0x71)
TWSR
TWS7
TWS6
TWS5
TWS4
TWS3
–
TWPS1
TWPS0
228
(0x70)
TWBR
Two-wire Serial Interface Bit Rate Register
226
(0x6F)
OSCCAL
Oscillator Calibration Register
44
(0x6E)
Reserved
–
–
–
–
–
–
–
–
(0x6D)
XMCRA
–
SRL2
SRL1
SRL0
SRW01
SRW00
SRW11
30
(0x6C)
XMCRB
XMBK
–
–
–
–
XMM2
XMM1
XMM0
32
(0x6B)
Reserved
–
–
–
–
–
–
–
–
(0x6A)
EICRA
ISC31
ISC30
ISC21
ISC20
ISC11
ISC10
ISC01
ISC00
65
(0x69)
Reserved
–
–
–
–
–
–
–
–
(0x68)
SPMCSR
SPMIE
RWWSB
–
RWWSRE
BLBSET
PGWRT
PGERS
SPMEN
293
(0x67)
Reserved
–
–
–
–
–
–
–
–
(0x66)
Reserved
–
–
–
–
–
–
–
–
(0x65)
PORTG
–
–
–
PORTG4
PORTG3
PORTG2
PORTG1
PORTG0
91
(0x64)
DDRG
–
–
–
DDG4
DDG3
DDG2
DDG1
DDG0
91
(0x63)
PING
–
–
–
PING4
PING3
PING2
PING1
PING0
91
(0x62)
PORTF
PORTF7
PORTF6
PORTF5
PORTF4
PORTF3
PORTF2
PORTF1
PORTF0
90
(0x61)
DDRF
DDF7
DDF6
DDF5
DDF4
DDF3
DDF2
DDF1
DDF0
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com