Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega64A Datasheet(PDF) 374 Page - ATMEL Corporation

Part # ATmega64A
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A Datasheet(HTML) 374 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 370Page - ATMEL Corporation ATmega64A Datasheet HTML 371Page - ATMEL Corporation ATmega64A Datasheet HTML 372Page - ATMEL Corporation ATmega64A Datasheet HTML 373Page - ATMEL Corporation ATmega64A Datasheet HTML 374Page - ATMEL Corporation ATmega64A Datasheet HTML 375Page - ATMEL Corporation ATmega64A Datasheet HTML 376Page - ATMEL Corporation ATmega64A Datasheet HTML 377Page - ATMEL Corporation ATmega64A Datasheet HTML 378Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 392 page
background image
374
8160C–AVR–07/09
ATmega64A
(0x60)
Reserved
–
–
–
–
–
–
–
–
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
10
0x3E (0x5E)
SPH
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
13
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
13
0x3C (0x5C)
XDIV
XDIVEN
XDIV6
XDIV5
XDIV4
XDIV3
XDIV2
XDIV1
XDIV0
44
0x3B (0x5B)
Reserved
–
–
–
–
–
–
–
–
0x3A (0x5A)
EICRB
ISC71
ISC70
ISC61
ISC60
ISC51
ISC50
ISC41
ISC40
66
0x39 (0x59)
EIMSK
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
67
0x38 (0x58)
EIFR
INTF7
INTF6
INTF5
INTF4
INTF3
INTF
INTF1
INTF0
67
0x37 (0x57)
TIMSK
OCIE2
TOIE2
TICIE1
OCIE1A
OCIE1B
TOIE1
OCIE0
TOIE0
109, 139, 160
0x36 (0x56)
TIFR
OCF2
TOV2
ICF1
OCF1A
OCF1B
TOV1
OCF0
TOV0
109, 141, 160
0x35 (0x55)
MCUCR
SRE
SRW10
SE
SM1
SM0
SM2
IVSEL
IVCE
30, 50, 64
0x34 (0x54)
MCUCSR
JTD
–
–
JTRF
WDRF
BORF
EXTRF
PORF
57, 261
0x33 (0x53)
TCCR0
FOC0
WGM00
COM01
COM00
WGM01
CS02
CS01
CS00
106
0x32 (0x52)
TCNT0
Timer/Counter0 (8 Bit)
108
0x31 (0x51)
OCR0
Timer/Counter0 Output Compare Register
108
0x30 (0x50)
ASSR
–
–
–
–
AS0
TCN0UB
OCR0UB
TCR0UB
108
0x2F (0x4F)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
COM1C1
COM1C0
WGM11
WGM10
133
0x2E (0x4E)
TCCR1B
ICNC1
ICES1
–
WGM13
WGM12
CS12
CS11
CS10
135
0x2D (0x4D)
TCNT1H
Timer/Counter1 – Counter Register High Byte
137
0x2C (0x4C)
TCNT1L
Timer/Counter1 – Counter Register Low Byte
137
0x2B (0x4B)
OCR1AH
Timer/Counter1 – Output Compare Register A High Byte
138
0x2A (0x4A)
OCR1AL
Timer/Counter1 – Output Compare Register A Low Byte
138
0x29 (0x49)
OCR1BH
Timer/Counter1 – Output Compare Register B High Byte
138
0x28 (0x48)
OCR1BL
Timer/Counter1 – Output Compare Register B Low Byte
138
0x27 (0x47)
ICR1H
Timer/Counter1 – Input Capture Register High Byte
139
0x26 (0x46)
ICR1L
Timer/Counter1 – Input Capture Register Low Byte
139
0x25 (0x45)
TCCR2
FOC2
WGM20
COM21
COM20
WGM21
CS22
CS21
CS20
157
0x24 (0x44)
TCNT2
Timer/Counter2 (8 Bit)
160
0x23 (0x43)
OCR2
Timer/Counter2 Output Compare Register
160
0x22 (0x42)
OCDR
IDRD/
OCDR7
OCDR6
OCDR5
OCDR4
OCDR3
OCDR2
OCDR1
OCDR0
258
0x21 (0x41)
WDTCR
–
–
–
WDCE
WDE
WDP2
WDP1
WDP0
57
0x20 (0x40)
SFIOR
TSM
–
–
–
ACME
PUD
PSR0
PSR321
91, 110, 145, 231
0x1F (0x3F)
EEARH
–
–
–
–
–
EEPROM Address Register High Byte
32
0x1E (0x3E)
EEARL
EEPROM Address Register Low Byte
32
0x1D (0x3D)
EEDR
EEPROM Data Register
33
0x1C (0x3C)
EECR
–
–
–
–
EERIE
EEMWE
EEWE
EERE
33
0x1B (0x3B)
PORTA
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
88
0x1A (0x3A)
DDRA
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
89
0x19 (0x39)
PINA
PINA7
PINA6
PINA5
PINA4
PINA3
PINA2
PINA1
PINA0
89
0x18 (0x38)
PORTB
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
89
0x17 (0x37)
DDRB
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
89
0x16 (0x36)
PINB
PINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
89
0x15 (0x35)
PORTC
PORTC7
PORTC6
PORTC5
PORTC4
PORTC3
PORTC2
PORTC1
PORTC0
89
0x14 (0x34)
DDRC
DDC7
DDC6
DDC5
DDC4
DDC3
DDC2
DDC1
DDC0
89
0x13 (0x33)
PINC
PINC7
PINC6
PINC5
PINC4
PINC3
PINC2
PINC1
PINC0
89
0x12 (0x32)
PORTD
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
PORTD2
PORTD1
PORTD0
90
0x11 (0x31)
DDRD
DDD7
DDD6
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
90
0x10 (0x30)
PIND
PIND7
PIND6
PIND5
PIND4
PIND3
PIND2
PIND1
PIND0
90
0x0F (0x2F)
SPDR
SPI Data Register
173
0x0E (0x2E)
SPSR
SPIF
WCOL
–
–
–
–
–
SPI2X
172
0x0D (0x2D)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
171
0x0C (0x2C)
UDR0
USART0 I/O Data Register
196
0x0B (0x2B)
UCSR0A
RXC0
TXC0
UDRE0
FE0
DOR0
UPE0
U2X0
MPCM0
196
0x0A (0x2A)
UCSR0B
RXCIE0
TXCIE0
UDRIE0
RXEN0
TXEN0
UCSZ02
RXB80
TXB80
197
0x09 (0x29)
UBRR0L
USART0 Baud Rate Register Low
200
0x08 (0x28)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
231
0x07 (0x27)
ADMUX
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
247
0x06 (0x26)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
249
0x05 (0x25)
ADCH
ADC Data Register High Byte
250
0x04 (0x24)
ADCL
ADC Data Register Low byte
250
0x03 (0x23)
PORTE
PORTE7
PORTE6
PORTE5
PORTE4
PORTE3
PORTE2
PORTE1
PORTE0
90
0x02 (0x22)
DDRE
DDE7
DDE6
DDE5
DDE4
DDE3
DDE2
DDE1
DDE0
90
0x01 (0x21)
PINE
PINE7
PINE6
PINE5
PINE4
PINE3
PINE2
PINE1
PINE0
90
30. Register Summary (Continued)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com