Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C01B
Description  Two-wire Automotive Temperature Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01B Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C01B_09 Datasheet HTML 1Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 2Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 3Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 4Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 5Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 6Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 7Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 8Page - ATMEL Corporation AT24C01B_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
Features
• Medium-voltage and Standard-voltage Operation
– 2.5 (VCC = 2.5V to 5.5V)
• Automotive Temperature Range –40°C to 125°C
• Internally Organized 128 x 8 (1K), 256 x 8 (2K), 512 x 8 (4K) or 1024 x 8 (8K)
• Two-wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 400 kHz (2.5V) Compatibility
• Write Protect Pin for Hardware Data Protection
• 8-byte Page (1K, 2K) or 16-byte Page (4K, 8K) Write Modes
• Partial Page Writes are Allowed
• Self-timed Write Cycle (5 ms max)
• High-reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
• 8-lead JEDEC SOIC and 8-lead TSSOP Packages
2.
Description
The AT24C01B/02B/04B/08B provides 1024/2048/4096/8192 bits of serial electrically
erasable and program mable read-only m emory (EEPROM) organized as
128/256/512/1024 words of 8 bits each. The device is optimized for use in many auto-
motive applications where low-power and low-voltage operation are essential. The
AT24C01B/02B/04B/08B is available in space-saving 8-lead JEDEC SOIC and 8-lead
TSSOP packages and is accessed via a two-wire serial interface. In addition, the
entire family is available in 2.5V (2.5V to 5.5V) versions.
Table 2-1.
Pin Configurations
Pin Name
Function
A0
− A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
Two-wire
Automotive
Temperature
Serial EEPROM
1K (128 x 8)
2K (256 x 8)
4K (512 x 8)
8K (1024 x 8)
AT24C01B
AT24C02B
AT24C04B
AT24C08B
8517C–SEEPR–01/09
8-lead SOIC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead TSSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA


Similar Part No. - AT24C01B_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
Two-wire Serial EEPROM 1K (128 x 8)
More results

Similar Description - AT24C01B_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04A ATMEL-AT24C04A Datasheet
523Kb / 20P
Two-wire Serial EEPROM Extended Temperature
AT24C01A ATMEL-AT24C01A_04 Datasheet
300Kb / 19P
Two-wire Automotive Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
Two-wire Automotive Temperature Serial EEPROM
AT24C32A ATMEL-AT24C32A_05 Datasheet
281Kb / 17P
Two-wire Automotive Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
Two-wire Automotive Temperature Serial EEPROM
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
2-Wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com