Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATVaultIC460-R Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATVaultIC460-R
Description  Public Key Pair Generation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATVaultIC460-R Datasheet(HTML) 3 Page - ATMEL Corporation

  ATVaultIC460-R Datasheet HTML 1Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 2Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 3Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 4Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 5Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 6Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 7Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 8Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
TPR0441BX–SMS–09/09
ATVaultIC460
1.
Overview
1.1
Tampering resistance
The proven technology used in ATVaultIC460 security modules is already widespread and used
in national ID/health cards, e-passports, bank cards (storing user Personal Identification Num-
ber, account numbers and authentication keys among others), pay-TV access control and cell
phone SIM cards (allowing the storage of subscribers’ unique ID, PIN code, and authentication
to the network), where cloning must definitely be prevented. More than one billion of Secure
Microcontrollers addressing all these applications have been already sold by Atmel and suc-
cessfully implemented in many secure systems.
Atmel’s security modules will advantageously replace complex and expensive proprietary anti-
tampering protection system. Their advantages include low cost, ease of integration, higher
security and proven technology.
They are designed to keep contents secure and avoid leaking information during code execu-
tion. While on regular microcontrollers, measuring current consumption, radio emissions and
other side channels attacks may give precious information on the processed data or allow the
manipulation of the data. Atmel’s secure microcontrollers’ security features include voltage, fre-
quency and temperature detectors, illegal code execution prevention, tampering monitors and
protection against side channel attacks and probing. The chips can detect tampering attempts
and destroy sensitive data on such events, thus avoiding data confidentiality being
compromised.
These features make cryptographic computations secure in comparison with regular microcon-
trollers whose memories can be easily duplicated. It is much safer to delegate cryptographic
operations and storage of secret data (keys, identifiers, etc.) to an Atmel secure microcontroller.
1.2
Authentication capability
The methods to authenticate humans are generally classified into three cases: physical attribute
(e.g. fingerprint, retinal pattern, facial scan, etc.), security device (e.g. ID card, security token,
software token or cell phone) and something the user knows (e.g. a password/passphrase or a
personal identification number).
To fight against identity theft, the multi-factor authentication is a stronger alternative to the clas-
sical login/password authentication (called weak authentication). It combines two or more
authentication methods (often a password combined with a security token). Two-factor systems
greatly reduce the likelihood of fraud by requiring the presence of a physical device used
together with a password. If the physical device is lost or the password is compromised, security
is still intact. NIST’s authentication guideline [1] can be referred to for further details.
Multi-factor authentication requires a strong authentication. Anticloning is safely implemented
through one-way or mutual strong authentication. Various authentication protocols exist (as
specified in ISO9798-2 [3] or FIPS196 [4]), but the main method is the challenge response
authentication
:
1. The authenticator sends a challenge (e.g. a random number) to the equipment that must be
authenticated (“the claimant”).
2. The claimant computes a digital signature of the combination of this challenge with an
optional identifier, using a private or secret key. The requested signature is then returned to
the authenticator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com