Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3743 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3743
Description  Unpainted Shielded Housing, 6??High With Card Guides
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3743 Datasheet(HTML) 1 Page - Pomona Electronics

  3743 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
6/9/99
PomonaACCESS 90200 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d3743_1_01.doc
Page 1 of
1
Model 3743
Unpainted Shielded Housing,
6” High With Card Guides
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Shielded Housing: Extruded Aluminum, Alloy 6063-T5
Finish: None
Cover: 2 each, 2.03 (.080) thick Aluminum, Alloy 1100-H14
Finish: Clear anodized per MIL-A-8625
Screws: 16 each, #4-40 x 6.35 (1/4) Flat Head
RATINGS:
Operating Temperature: -55°C to +150°C (-67° to +302°F)
ORDERING INFORMATION: Model 3743


Similar Part No. - 3743

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
3743 COOPER-3743 Datasheet
55Kb / 1P
Single pole blocks lock into each other and can be added at any time
logo
Heyco.
3743 HEYCO-3743 Datasheet
153Kb / 1P
Lockit™ Nylon Cable Clamps
logo
Connor-Winfield Corpora...
37430 CONNOR-WINFIELD-37430 Datasheet
50Kb / 1P
Precision Low Profile TO-8 EY Crystal
37430-XXXX-10 CONNOR-WINFIELD-37430-XXXX-10 Datasheet
50Kb / 1P
Precision Low Profile TO-8 EY Crystal
37430-XXXX-12.999 CONNOR-WINFIELD-37430-XXXX-12.999 Datasheet
50Kb / 1P
Precision Low Profile TO-8 EY Crystal
More results

Similar Description - 3743

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3742 POMONA-3742 Datasheet
25Kb / 1P
Shielded Housing, Size H, With Card Guides
3850 POMONA-3850 Datasheet
698Kb / 1P
Thermoplastic Box With Card Guides & Cover
4384 POMONA-4384 Datasheet
23Kb / 1P
Thermoplastic Box With Card Guides
5186 POMONA-5186 Datasheet
26Kb / 1P
Shielded Black Box ?쏣??Size, Unpainted
5203 POMONA-5203 Datasheet
24Kb / 1P
Die Cast Box With Card Guides Size L, Unpainted
5255 POMONA-5255 Datasheet
22Kb / 1P
Die Cast Box, With Card Guides Size J, Unpainted
logo
Richco, Inc.
PCG-1-48 RICHCO-PCG-1-48 Datasheet
59Kb / 1P
PRINTED CARD GUIDES
RCG-1 RICHCO-RCG-1 Datasheet
35Kb / 1P
RACK CARD GUIDES
logo
EDAC, All Rights Reserv...
616-220-304 EDAC-616-220-304 Datasheet
70Kb / 1P
Uni-Guides Series Edgeboard Connector Uni-Guides
616-220-313 EDAC-616-220-313 Datasheet
71Kb / 1P
Uni-Guides Series Edgeboard Connector Uni-Guides
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com