Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCXO Datasheet(PDF) 2 Page - TEMEX

Part # TCXO
Description  Space TCXO - Temperature Compensated Crystal Oscillator, General Specification (rev1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TCXO Datasheet(HTML) 2 Page - TEMEX

  TCXO Datasheet HTML 1Page - TEMEX TCXO Datasheet HTML 2Page - TEMEX TCXO Datasheet HTML 3Page - TEMEX TCXO Datasheet HTML 4Page - TEMEX TCXO Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Space TCXO – Temperature Compensated Crystal Oscillator
General Specification (rev1)
December 5th, 2007
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
2/5
Features
•
Low consumption
•
Frequency Range : 10 MHz to 150 MHz
•
Supply Voltage : +5V or +12V
•
Warm up Consumption : 20 mA
•
Overall Frequency including frequency setting at 25°C, frequency stability vs.Temperature
Range, load and supply changes : +/-1.5ppm
•
Aging : from +/-5ppm to +/-15ppm over 15 years
•
Output Wave Form : sine 50 Ohms
•
Output Level : from 0 to 8 dBm
•
Case types(s) : 20 x 20 mm or 25 x 25 mm depending on spec
•
Manufacturing in accordance with MIL-PRF-55310 (Class 1, type 4, level S)
•
Based on SMD Discrete components technology
Applications
TCXO Space Flat Pack is recommended for Space Clock applications and Signal Generation,
Transponders and Down and Up Converters.
Environmental conditions
Parameters
Unit
Minimum
Typical
Maximum
Operating temperature range 1
°C
– 20
+ 70
Operating temperature range 2
°C
– 40
+ 85
Storage temperature range
°C
– 55
+ 125
Shocks (half sine)
900g, 0.3ms
Sine vibration
20g as per MIL-STD-202, Method
204, Condition D
Random vibration
50 Grms as per MIL-STD-202, Method
214, Condition I-F
Radiation
Up to 100 kRad total dose



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com