Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCXO Datasheet(PDF) 2 Page - TEMEX

Part # VCXO
Description  Space VCXO - Voltage Controlled Crystal Oscillator Flat Pack, General Specification (rev1)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

VCXO Datasheet(HTML) 2 Page - TEMEX

  VCXO Datasheet HTML 1Page - TEMEX VCXO Datasheet HTML 2Page - TEMEX VCXO Datasheet HTML 3Page - TEMEX VCXO Datasheet HTML 4Page - TEMEX VCXO Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Space VCXO-Voltage Controlled Crystal Oscillator Flat Pack, General
Specification (rev1)
December 5th, 2007
All information contained within this document is exclusive property of TEMEX, it is expressly forbidden to partially or totally reproduce or to disclose to a third
party without obtaining prior written permission from TEMEX.
2/5
Features
Low consumption
Frequency Range : 5 MHz to 150 MHz
Supply Voltage : +5V or +12V
Warm up Consumption : 20 mA
Overall Frequency including frequency setting at 25°C, frequency stability vs. Temperature
Range, load and supply changes and aging: from +/-50ppm to +/-100ppm
Absolute pulling range : +/-70ppm to +/-140ppm
Output Wave Form : sine 50 Ohms
Output Level : from 0 to 8 dBm
Case types(s) : 20 x 20 mm or 25 x 25 mm depending on spec
Manufacturing in accordance with MIL-PRF-55310 (Class 1, type 4, level S)
Based on SMD Discrete components technology
Application
XO space is recommended for space clock applications and signal generation
Environmental conditions
Parameters
Unit
Minimum
Typical
Maximum
Operating temperature range
°C
– 40
+ 85
Storage temperature range
°C
– 55
+ 125
Shocks (half sine)
900g, 0.3ms
Sine vibration
20g as per MIL-STD-202, Method
204, Condition D
Random vibration
50 Grms as per MIL-STD-202, Method
214, Condition I-F
Radiation
Up to 100 kRad total dose



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com