Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5727 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP5727
Description  Boost converter for the bias voltage of small size OLED and LCD displays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5727 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP5727 Datasheet HTML 1Page - Diodes Incorporated AP5727 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.diodes.com
Boost converter for the bias voltage
of small size OLED and LCD displays
Electrical characteristics
Issue Number | 001
September 2009
Part
Number
Typical
supply
current
Maximum
switch
voltage
Operating
voltage
Feedback
voltage VFB
Switch
RDS(ON)
Protection
Operating
temperature
Package
mA
V
V
dB
Ω
oC
AP5727
0.5
30
2.7-5.5
1.25
0.95
OCP, UVLO,
thermal
shutdown
-40 to 85
SOT23-5
To find out more information:
Product page: http://www.diodes.com/products/catalog/detail.php?item-id=5463
Datasheet: http://www.diodes.com/datasheets/AP5727.pdf
ZXLB1600
1.6-5.5
28
0.5
80
0.03
3.5
0.7
DC/PWM
No
No
1.23
0 ~
+70
MSOP10
ZXLD1601 2.5-5.5
28
1
85
0.06
0.01
1.75
DC/PWM
No
No
1.025
-40 ~
+85
SC70-6
ZXLD1615 2.5-5.5
28
1
80
0.06
0.01
1.75
DC/PWM
No
No
1.25
-40 ~
+85
SOT23-5
AP5727
2.7-5.5
30
1.2
84
0.5
0.1
0.95
DC/PWM
No
Yes
1.25
-40 ~
+85
SOT23-5
Bias generators for small screen displays
Ordering information
Part
Number
Part mark
Bulk quantity
Package
Reel size
AP5727WG-7
H8
3kpcs/tape & reel
SOT23-5
7", 178mm
All variants are in packages that are “Green” Molding Compound (No Br, Sb) with Lead Free Finish/RoHS Compliant (Note 1)
Notes: 1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex notes
New Product
Announcement
AP5727



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com