Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHAS100GGP Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # RHAS100GGP
Description  Ultra High Value Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RHAS100GGP Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  RHAS100GGP Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ultra High Value Resistors
The content of this specification may change without notification 11/12/08
RHA Series - Resistance Range Up To 10 Trillion Ohm at DC 10KV
Custom solutions are available.
Bulk Packing
FEATURES
Resistance Value
TCR
L = 200 PPM
O = 400 PPM
S = 1000 PPM
T = 1500 PPM
RHA Series
Power Type High Voltage Resistor
RHA1S, RHA2S, RHA3S, RHA5S
•
Low temperature coefficient.
•
Hermetically Sealed.
•
Excellent performance in long-term stability
and load life
Resistance Torrance
F =
+ 1%
G = + 2%
J = + 5%
K = + 10%
APPLICATIONS
The RHA Ultrahigh type resistors are designed for use
in the detection of trickle current and for other similar
purposes. Their operating stability by far excels that of
conventional models.
HOW TO ORDER
RHA L
100G D
P
CHARACTERISTICS
Item
Characteristics
Test method
Operating temperature range
RHA Type: -35
0 C ~+ 700 C
Long-term stability
1%
At normal temperature and humidity for10,000hr.
Reduction in long-term
stability at high temperature
1%
In thermostatic oven at 70
0 C for 1,000hr
Insulation resistance
9.0 1013 cm
40
0C, 90 95%RH, 1,000hr, at 500V
Voltage coefficient
10GΩ 15GΩ
15GΩ 7000GΩ
7000GΩ 10000GΩ
0.002%/ V
0.01%/V
0.05%/ V
Measured at 10V and 100V
Measured at 100V and 500V
PRODUCTION DATA
RHA Type (Hermetically sealed type)
American Accurate Components, Inc.
188 Technology Drive Unit H, Irvine, CA 92618
1
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
Type
Temperature
coefficient
Range of resistance
values
Max.
working
voltage
Impulse voltage
(kV)
Dimensions (mm)
(RHA)type
Resistance
tolerance
Min.
(GΩ )
Max.
(G Ω )
DC (kV)
1.2 x 50 µ sec
L
D
d
(%)
RHA1S
400
1
5
0.75
1.5
9 1
3 1
38 3
0.6 0.05
200
10
15
2
4
14.5 1
38 3
0.8 0.05
RHA2S
400
200
15
10
50
100
(14 0.5) (5.1 0.2)
1(F)
2(G)
400
100
300
5
10
26.5 1
5.5 1
38 3
1 0.05
≤ 1TΩ
RHA3S
1000
1500
200
300
600
10
600
3000
100
(27 0.5) (6.5 0.2)
5 (J)
10(K)
≤10TΩ
400
100
600
10
20
42 2
5.5 1
38 3
1 0.05
RHA5S
1000
1500
600
1000
1000
10000
(42 0.5) (6.5 0.2)


Similar Part No. - RHAS100GGP

ManufacturerPart #DatasheetDescription
logo
RFE international
RHAS-100W RFE-RHAS-100W Datasheet
2Mb / 3P
Power Resistors
12-11-2020
More results

Similar Description - RHAS100GGP

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
3810 WELWYN-3810 Datasheet
395Kb / 2P
Ultra-High Value Precision Resistors
GC55 WELWYN-GC55 Datasheet
121Kb / 2P
High Value Thick Film Resistors
logo
Vishay Siliconix
RJU VISHAY-RJU Datasheet
95Kb / 3P
Metal Oxide Resistors, Special Purpose High Power, Ultra High Value
09-Sep-04
logo
RHOPOINT COMPONENTS
CHM0805 RHOPOINT-CHM0805 Datasheet
47Kb / 2P
Precision High Value Chip Resistors
CHS0402 RHOPOINT-CHS0402 Datasheet
47Kb / 2P
High-Value Chip Resistors
logo
List of Unclassifed Man...
HR ETC1-HR Datasheet
280Kb / 2P
HIGH VALUE SURFACE MOUNTED RESISTORS
logo
American Accurate Compo...
CRH10107KM AAC-CRH10107KM_17 Datasheet
323Kb / 2P
HIGH RESISTANCE VALUE CHIP RESISTORS
logo
Tyco Electronics
RH73 MACOM-RH73 Datasheet
82Kb / 2P
SMD High Value Resistors
logo
TT Electronics.
3810 TTELEC-3810_17 Datasheet
725Kb / 2P
Ultra-High Value Precision Resistors
GC55 TTELEC-GC55 Datasheet
360Kb / 2P
High Value Thick Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com