Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-9366AAAAAI6TIG2 Datasheet(PDF) 39 Page - Seiko Instruments Inc

Part # S-9366AAAAAI6TIG2
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-9366AAAAAI6TIG2 Datasheet(HTML) 39 Page - Seiko Instruments Inc

Back Button S-9366AAAAAI6TIG2 Datasheet HTML 35Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 36Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 37Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 38Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 39Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 40Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 41Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 42Page - Seiko Instruments Inc S-9366AAAAAI6TIG2 Datasheet HTML 43Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.1.1_00
S-8365/8366 Series
Seiko Instruments Inc.
39
3.3 Shutdown pin response (VOUT = 5.0 V, VIN = 3.3 V, VON/OFF = 0 V
→ 3.3 V, PWM control, Ta = 25°C)
(1) fOSC = 1.2 MHz, IOUT = 1 mA S-8365AABBA
(2) fOSC = 1.2 MHz, IOUT = 600 mA S-8365AABBA
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
IL
VOUT
VON/OFF
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
IL
VOUT
VON/OFF
(3) fOSC = 600 kHz, IOUT = 1 mA S-8365ABBBA
(4) fOSC = 600 kHz, IOUT = 600 mA S-8365ABBBA
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
IL
VOUT
VON/OFF
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
IL
VOUT
VON/OFF
3.4
Shutdown pin response (VOUT = 5.0 V, VIN = 3.3 V, VON/OFF = 0 V
→ 3.3 V, PWM / PFM switching control, Ta = 25°C)
(1) fOSC = 1.2 MHz, IOUT = 1 mA S-8366AABBA
(2) fOSC = 1.2 MHz, IOUT = 600 mA S-8366AABBA
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
IL
VOUT
VON/OFF
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
IL
VOUT
VON/OFF
(3) fOSC = 600 kHz, IOUT = 1 mA S-8366ABBBA
(4) fOSC = 600 kHz, IOUT = 600 mA S-8366ABBBA
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
VOUT
VON/OFF
IL
0
0.0
6.0
5.0
4.0
3.0
2.0
1.0
510
15
20
t [ms]
0.0
6.0
5.0
4.0
3.0
2.0
1.0
VOUT
VON/OFF
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com