Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR735 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBR735
Description  SWITCHMODE??Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR735 Datasheet(HTML) 2 Page - Motorola, Inc

  MBR735 Datasheet HTML 1Page - Motorola, Inc MBR735 Datasheet HTML 2Page - Motorola, Inc MBR735 Datasheet HTML 3Page - Motorola, Inc MBR735 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR735 MBR745
2
Rectifier Device Data
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
Figure 3. Current Derating, Case
Figure 4. Current Derating, Ambient
Figure 5. Power Dissipation
0.6
0.2
iF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
50
30
20
10
VR, REVERSE VOLTAGE (VOLTS)
0
0.001
100
TC, CASE TEMPERATURE (°C)
5.0
2.0
1.0
0
TA, AMBIENT TEMPERATURE (°C)
20
0
8.0
6.0
4.0
2.0
0
40
4.0
8.0
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
4.0
3.0
2.0
1.0
0
6.0
7.0
5.0
1.0
1.2
0.4
0.8
10
20
30
40
0.1
1.0
120
130
140
150
60
80
160
10
20
12
7.0
0.7
0.5
1.0
50
10
100
2.0
14
16
18
5.0
6.0
180
° SQUARE WAVE
dc
180
° SQUARE WAVE
dc
TJ = 125°C
75
°C
25
°C
TJ = 150°C
125
°C
100
°C
0.01
25
°C
4.0
3.0
6.0
8.0
7.0
7.0
5.0
3.0
1.0
100
120
140
75
°C
RATED VOLTAGE APPLIED
dc
RATED VOLTAGE APPLIED
RqJC = 3.0°C/W
RqJA = 16°C/W
RqJA = 60°C/W
(No Heat Sink)
dc
110
3.0
2.0
180
°X
180
°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com