Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHP-20C-R02JYR Datasheet(PDF) 8 Page - American Accurate Components, Inc.

Part # RHP-20C-R02JYR
Description  HIGH POWER RESISTOR - 20W to 140W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

RHP-20C-R02JYR Datasheet(HTML) 8 Page - American Accurate Components, Inc.

  RHP-20C-R02JYR Datasheet HTML 1Page - American Accurate Components, Inc. RHP-20C-R02JYR Datasheet HTML 2Page - American Accurate Components, Inc. RHP-20C-R02JYR Datasheet HTML 3Page - American Accurate Components, Inc. RHP-20C-R02JYR Datasheet HTML 4Page - American Accurate Components, Inc. RHP-20C-R02JYR Datasheet HTML 5Page - American Accurate Components, Inc. RHP-20C-R02JYR Datasheet HTML 6Page - American Accurate Components, Inc. RHP-20C-R02JYR Datasheet HTML 7Page - American Accurate Components, Inc. RHP-20C-R02JYR Datasheet HTML 8Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
American Accurate Components, Inc.
HIGH POWER RESISTOR – 20W to 140W
The content of this specification may change without notification 12/07/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
8
NOTES
GENERAL
1.
0.1% tolerance resistors and resistance range from 240 ohm to 51K ohm are available as a semi-custom solution
2.
Use of heat conduction grease on surface of flange is recommended.
3.
Insulation material is unnecessary between flange and resistors; the flange and resistor are separated by alumina substrate.
4.
It surface mount soldering, temperature profile in the flange shall not exceed 220°C.
5.
Heat sink design will be performed when the resistor operating temperature is less than 155°C
RHP-10X
1.
Heat resistance between resistor and flange is 3.6K/W
2.
For application to r-f circuit, Lead formed RHP-10X (smd) is prepared; RHP-10X are screw mount style.
3.
At resistance from 220 to 51kohms rating power shall be restricted in 10W.
RHP-10B, RHP-10C
1.
Heat resistance between resistor and flange is 5.9 C/W.
RHP-20B, RHP-20C
1.
Heat resistance between resistor and flange is 3.3 C/W
2.
At resistance from 220 to 51kohms rating power shall be restricted in 20W.
3.
The terminal material is Tin plated copper, but inside of resistor contains PbAg high melting solder that is exempted by RoHS directive
2002/95/EC.
RHP-20D
1.
At flange soldering, temperature profile in flange shall not exceed 270°C for 30 minutes.
2.
Heat resistance between resistor and flange is 3.3C/W.
3.
This model shall be fit to Copper of printed wiring board with lower temperature solder than 220°C. Sn-Cu soldering
will be done by soldering iron with 300°C -350°C tip temperature for less than 30 minutes.
RHP-50A
1.
Using heat conduction grease on surface of flange is recommended.
2.
Heat resistance between resistor and flange is 1.3 K/W. Heat design will be done, as resistor temperature shall be under 155°C in operation.
RHP-50B, RHP-50-C
1.
Heat resistance between resistor and flange is 3.3 C/W.
2.
5ppm TCR resistors are available as a semi-custom product
3.
At resistance from 220 to 51kohms rating power shall be restricted in 30W.
4.
Please note, terminal material is Tin plated copper, but inside of resistor contains PbAg high melting solder that is exempted by RoHS
directive 2002/95/EC.
RHP-100A
Recommendation
1.
Flat surface heat sink, thermal compound and sufficient mount screw torque will be necessary for good
heat transfer.
2.
In a rush current protection application, such as charge current limitation resistor, sufficient power
derating will be necessary.
Design for Heat Release
TAPE DIMENSIONS (mm)
Reel Dimensions
Outer Diameter: 300mm
Inner Diameter: 100mm
Width: 23.9mm min., 27.4mm max
Standard packaging is RoHS PS/PE
tube packaging, which contains 50
pieces per tube. When ordering, note
Tube (T) or Tray (R)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com