Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT2940IDDPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LT2940IDDPBF
Description  Power and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2940IDDPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LT2940IDDPBF Datasheet HTML 9Page - Linear Technology LT2940IDDPBF Datasheet HTML 10Page - Linear Technology LT2940IDDPBF Datasheet HTML 11Page - Linear Technology LT2940IDDPBF Datasheet HTML 12Page - Linear Technology LT2940IDDPBF Datasheet HTML 13Page - Linear Technology LT2940IDDPBF Datasheet HTML 14Page - Linear Technology LT2940IDDPBF Datasheet HTML 15Page - Linear Technology LT2940IDDPBF Datasheet HTML 16Page - Linear Technology LT2940IDDPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT2940
13
2940f
APPLICATIONS INFORMATION
Multiplier Operating Regions
The operating regions of the four-quadrant multiplier are
illustrated in Figure 4. Note that while Figure 2’s axes em-
ployed logarithmic (octave) scales to allow constant-power
trajectories to be straight lines, Figure 4’s axes are linear
to better accommodate negative inputs. Constant-power
trajectories are thus arcs.
The heavy line circumscribing the guaranteed accuracy
region is limited both by the product of the sense inputs
(the curved edges) and by each sense input’s differential
range (the straight edges). The maximum product that
realizes the specified accuracy is VV • VI = ±0.4V2, and it
produces nominally full-scale output currents of IPMON =
±200μA. At the same time, the voltage and current sense
inputs must not exceed ±8V and ±200mV, respectively.
In the shaded functional region, multiplying occurs but
the output current accuracy is derated as specified in the
Electrical Characteristics section.
The shaded functional region offers headroom beyond the
guaranteed range in all quadrants, and excellent sourcing
current operation beyond the standard +0.4V2 sense prod-
uct limit in quadrants I and III. In quadrants II and IV, the
PMON current is limited by compliance range, so accuracy
is not specified. See the Electrical Characteristics and Typi-
cal Performance Characteristics sections for operation in
these regions. Inputs beyond those ranges, and out to the
absolute maximum ratings, are clipped internally.
Range and Accuracy Considerations
The LT2940’s performance and operating range may best
be exploited by letting the broad application category steer
design direction.
Constant-power applications comprise power level alarm
circuits, whether tripping a circuit breaker, activating aux-
iliary circuits, or simply raising an alarm, and single-level
power servo loops. In such applications, accuracy is best
when the full-scale output current of the LT2940 represents
the power level of interest, i.e., the IPMON = 200μA load
line (A) on Figure 5. Spans of voltage or current up to 4:1
naturally fit into the operating range of the LT2940.
Special constant-power applications are the same types of
circuits (level measuring, servos) with additional restric-
tions. If operating within the guaranteed accuracy region
of Figure 4 is important over voltage or current spans
wider than 4:1, let a PMON current less than full-scale
represent the power level. For example, the load line (B)
of IPMON = 50μA in Figure 5 covers a span of 16:1 (VV = 8V
to 0.5V and VI = 200mV to 12.5mV). Note that operating
along line (C), IPMON = 25μA allows a span of 32:1, but the
channel offsets reduce the value of doing so. Operating
VV (V)
–12
–100
150
200
250
300
–8
–4
0
–200
50
–150
100
–250
–300
0
–50
–10
–6
4
12
–2
2
810
6
2940 F04
CURRENT SENSE CLIPPED
LIMITED
BY PMON
COMPLIANCE
II
I
III
IV
GUARANTEED
ACCURACY
CURRENT SENSE CLIPPED
LIMITED
BY PMON
COMPLIANCE
Figure 5. Various Constant-Power Curves in Quadrant I
2940 F05
VV (V)
100
400
1
4
25
50
12.5
200
0.5
2
8
16
CURRENT SENSE CLIPPING
IPMON
= 200μA
GUARANTEED
ACCURACY
(A)
25μA
50μA
100μA
I
(D)
(B)
(C)
Figure 4. Multiplier Operating Regions vs Sense Input
Voltages. Accuracy Is Derataed in Shaded Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com