Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3092MPSTPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT3092MPSTPBF
Description  200mA 2-Terminal Programmable Current Source
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3092MPSTPBF Datasheet(HTML) 1 Page - Linear Technology

  LT3092MPSTPBF Datasheet HTML 1Page - Linear Technology LT3092MPSTPBF Datasheet HTML 2Page - Linear Technology LT3092MPSTPBF Datasheet HTML 3Page - Linear Technology LT3092MPSTPBF Datasheet HTML 4Page - Linear Technology LT3092MPSTPBF Datasheet HTML 5Page - Linear Technology LT3092MPSTPBF Datasheet HTML 6Page - Linear Technology LT3092MPSTPBF Datasheet HTML 7Page - Linear Technology LT3092MPSTPBF Datasheet HTML 8Page - Linear Technology LT3092MPSTPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LT3092
1
3092fb
TYPICAL APPLICATION
DESCRIPTION
200mA 2-Terminal
Programmable Current Source
The LT®3092 is a programmable 2-terminal current
source. It requires only two resistors to set an output
current between 0.5mA and 200mA. A multitude of analog
techniques lend themselves to actively programming the
output current. The LT3092 is stable without input and
output capacitors, offering high DC and AC impedance. This
feature allows operation in intrinsically safe applications.
The SET pin features 1% initial accuracy and low tem-
perature coefficient. Current regulation is better than
10ppm/V from 1.5V to 40V.
The LT3092 can operate in a 2-terminal current source
configuration in series with signal lines. It is ideal for driv-
ing sensors, remote supplies, and as a precision current
limiter for local supplies.
Internal protection circuitry includes reverse-battery and
reverse-current protection, current limiting and thermal
limiting. The LT3092 is offered in the 8-lead TSOT-23,
3-lead SOT-223 and 8-lead 3mm × 3mm DFN packages.
Adjustable 2-Terminal Current Source
FEATURES
APPLICATIONS
n Programmable 2-Terminal Current Source
n Maximum Output Current: 200mA
n Wide Input Voltage Range: 1.2V to 40V
n Input/Output Capacitors Not Required
n Resistor Ratio Sets Output Current
n Initial Set Pin Current Accuracy: 1%
n Reverse-Voltage Protection
n Reverse-Current Protection
n <0.001%/V Line Regulation Typical
n Current Limit and Thermal Shutdown Protection
n Available in 8-Lead SOT-23, 3-Lead SOT-223 and
8-Lead 3mm × 3mm DFN Packages
n 2-Terminal Floating Current Source
n GND Referred Current Source
n Variable Current Source
n In-Line Limiter
n Intrinsic Safety Circuits
SET Pin Current vs Temperature
3092 TA01a
IN
SET
OUT
+
–
LT3092
10μA
ROUT
RSET
VIN – VOUT = 1.2V TO 40V
IµA
R
R
SOURCE
SET
OUT
= 10
•
TEMPERATURE (°C)
–50
9.900
9.950
10.000
10.050
–25
0
25
50
100
75
125
10.100
9.925
9.975
10.025
10.075
150
3092 TA01b
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LT3092MPSTPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3092 LINER-LT3092 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Linear Integrated Syste...
LT3092 LINEAR-LT3092 Datasheet
1Mb / 28P
800mA Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Technology
LT3092 LINER-LT3092 Datasheet
558Kb / 26P
800mA Single Resistor Rugged Linear Regulator
LT3092 LINER-LT3092 Datasheet
1Mb / 28P
800mA Single Resistor Rugged Linear Regulator with Monitors
LT3092 LINER-LT3092 Datasheet
255Kb / 22P
200mA 2-Terminal Programmable Current Source
More results

Similar Description - LT3092MPSTPBF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
Serially Programmable Clock Source
Revision 042501
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 121304
ICS307-03 ICST-ICS307-03 Datasheet
347Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 101705
logo
Linear Technology
LT3092 LINER-LT3092_15 Datasheet
255Kb / 22P
200mA 2-Terminal Programmable Current Source
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
200mA Current-Limit Switches
logo
B&K Precision Corporati...
9830B BK-9830B Datasheet
3Mb / 7P
Programmable AC Power Source
9830 BK-9830 Datasheet
2Mb / 5P
Programmable AC Power Source
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
logo
Renesas Technology Corp
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com