Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80102 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL80102
Description  High Performance 2A and 3A LDOs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80102 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL80102 Datasheet HTML 5Page - Intersil Corporation ISL80102 Datasheet HTML 6Page - Intersil Corporation ISL80102 Datasheet HTML 7Page - Intersil Corporation ISL80102 Datasheet HTML 8Page - Intersil Corporation ISL80102 Datasheet HTML 9Page - Intersil Corporation ISL80102 Datasheet HTML 10Page - Intersil Corporation ISL80102 Datasheet HTML 11Page - Intersil Corporation ISL80102 Datasheet HTML 12Page - Intersil Corporation ISL80102 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6660.0
September 30, 2009
Typical Operating Performance
Unless otherwise noted: VIN = 2.2V, VOUT = 1.8V, CIN = COUT = 10µF, TJ = +25°C, IL = 0A.
FIGURE 5. OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 6. OUTPUT VOLTAGE vs SUPPLY VOLTAGE
FIGURE 7. OUTPUT VOLTAGE vs OUTPUT CURRENT
FIGURE 8. GROUND CURRENT vs SUPPLY VOLTAGE
FIGURE 9. GROUND CURRENT vs OUTPUT CURRENT
FIGURE 10. GROUND CURRENT vs OUTPUT VOLTAGE
1.8
1.2
0.6
0
-0.6
-1.2
-1.8
-50
-25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
02
46
SUPPLY VOLTAGE (V)
13
5
+125°C
+25°C
-40°C
-1.8
-1.2
-0.6
0.0
0.6
1.2
1.8
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
+125°C
+25°C
-40°C
0
1
2
3
4
5
6
7
8
9
2
INPUT VOLTAGE (V)
34
56
7.5
7.7
7.9
8.1
8.3
8.5
8.7
8.9
9.1
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
+125°C
+25°C
-40°C
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0.8
1.4
2.0
2.6
3.2
3.8
4.4
5.0
OUTPUT VOLTAGE (V)
+125°C
+25°C
-40°C
ISL80102, ISL80103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com