Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3492EUFD Datasheet(PDF) 6 Page - Linear Technology

Part # LT3492EUFD
Description  Triple Output LED Driver with 3000:1 PWM Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3492EUFD Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3492EUFD Datasheet HTML 2Page - Linear Technology LT3492EUFD Datasheet HTML 3Page - Linear Technology LT3492EUFD Datasheet HTML 4Page - Linear Technology LT3492EUFD Datasheet HTML 5Page - Linear Technology LT3492EUFD Datasheet HTML 6Page - Linear Technology LT3492EUFD Datasheet HTML 7Page - Linear Technology LT3492EUFD Datasheet HTML 8Page - Linear Technology LT3492EUFD Datasheet HTML 9Page - Linear Technology LT3492EUFD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3492
6
3492f
CTRL1, CTRL2, CTRL3: LED Current Adjustment Pins. Sets
voltage across external sense resistor between ISP and ISN
pins of the respective converter. Setting CTRL voltage to
be less than 1V will control the current sense voltage to be
one-tenth of CTRL voltage. If CTRL voltage is higher than
1V, the default current sense voltage is 100mV. The CTRL
pin must not be left floating.
FADJ: Switching Frequency Adjustment Pin. Setting FADJ
voltage to be less than 1V will adjust switching frequency
up to 2.1MHz. If FADJ voltage is higher than 1V, the default
switching frequency is 2.1MHz. The FADJ pin must not
be left floating.
GND: Signal Ground and Power Ground. Solder exposed
pad directly to ground plane.
ISN1, ISN2, ISN3: Noninverting Input of Current Sense
Error Amplifier. Connect directly to LED current sense
resistor terminal for current sensing of the respective
converter.
ISP1, ISP2, ISP3: Inverting Input of Current Sense Error
Amplifier. Connect directly to other terminal of LED current
sense resistor terminal of the respective converter.
OVP1, OVP2, OVP3: Open LED Protection Pins. A voltage
higher than 1V on OVP turns off the internal main switch
of the respective converter. Tie to ground if not used.
PWM1, PWM2, PWM3: Pulse Width Modulated Input.
Signal low turns off the respective converter, reduces
quiescent supply current and causes the VC pin for that
converter to become high impedance. PWM pin must not
be left floating; tie to VREF if not used.
SHDN: Shutdown Pin. Used to shut down the switching
regulator and the internal bias circuits for all three convert-
ers. Tie to 1.5V or greater to enable the device. Tie below
0.4V to turn off the device.
SW1, SW2, SW3: Switch Pins. Collector of the internal
NPN power switch of the respective converter. Connect
to external inductor and anode of external Schottky recti-
fier of the respective converter. Minimize the metal trace
area connected to this pin to minimize electromagnetic
interference.
TG1, TG2, TG3: The Gate Driver Output Pin for Disconnnect
P-Channel MOSFET. One for each converter. When the
PWM pin is low, the TG pin pulls up to ISP to turn off the
external MOSFET. When the PWM pin is high, the external
MOSFET turns on. ISPn-TGn is limited to 6.5V to protect
the MOSFET. Leave open if the external MOSFET is not
used.
VC1,VC2,VC3:ErrorAmplifierCompensationPins.Connect
a series RC from these pins to GND.
VIN: Input Supply Pin. Must be locally bypassed. Powers
the internal control circuitry.
VREF: Reference Output Pin. Can supply up to 200μA. The
nominal Output Voltage is 2V.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com