Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFK55N50F Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFK55N50F
Description  HiPerRFTM Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK55N50F Datasheet(HTML) 4 Page - IXYS Corporation

  IXFK55N50F Datasheet HTML 1Page - IXYS Corporation IXFK55N50F Datasheet HTML 2Page - IXYS Corporation IXFK55N50F Datasheet HTML 3Page - IXYS Corporation IXFK55N50F Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXFK 55N50F
IXFX 55N50F
Pulse Width - Seconds
10-4
10-3
10-2
10-1
100
101
0.001
0.01
0.1
1
V
DS - Volts
0
5
10
15
20
25
30
250
500
1000
2500
5000
10000
Gate Charge - nC
0
50
100
150
200
250
300
0
5
10
15
Crss
Coss
Ciss
V
DS = 250V
I
D = 27.5A
f = 1MHz
V
SD - Volts
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
25
T
J = 125
OC
T
J = 25
OC
Single Pulse
Fig. 7. Gate Charge Characteristic Curve
Fig. 8. Capacitance Curves
Fig. 9. Source Current vs. Source to Drain Voltage
Fig. 10. Thermal Impedance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com