Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXZ4DF12N100 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXZ4DF12N100
Description  RF Power MOSFET & DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXZ4DF12N100 Datasheet(HTML) 2 Page - IXYS Corporation

  IXZ4DF12N100 Datasheet HTML 1Page - IXYS Corporation IXZ4DF12N100 Datasheet HTML 2Page - IXYS Corporation IXZ4DF12N100 Datasheet HTML 3Page - IXYS Corporation IXZ4DF12N100 Datasheet HTML 4Page - IXYS Corporation IXZ4DF12N100 Datasheet HTML 5Page - IXYS Corporation IXZ4DF12N100 Datasheet HTML 6Page - IXYS Corporation IXZ4DF12N100 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXZ4DF12N100
RF Power MOSFET & DRIVER
Device Specifications
Device Performance
Symbol
Test Condition
Minimum
Typical
Maximum
Rds(ON)
VCC = 15V, ID = 0.5IDM25
Pulse Test, t ≤ 300 S,
Duty Cycle ≤ 2%
0.7
VCC, VCCIN
8V
15V
20V
IN (Signal Input)
- 5V
VCCIN+0.3V
VIH (High Input Voltage)
VCCIN -2V
VCCIN+0.3V
VIL (Low Input Voltage)
0.8V
ZIN
f = 1MHz
7960
Cstray
f = 1MHz Any one pin to the
back plane metal
46pf
COSS
VGS = 0V,
VDS = 0.8VDSS(max) ,
f =1MHz
150pf
tONDLY
TC = 25°C
VCC, VCCIN , VIN = 15V
1 S Pulse,
VDS= 50V, RL = 2.5
20nS
tOFFDLY
22.6nS
tR
TC = 25°C
VCC, VCCIN, VIN = 15V
1 S Pulse,
VDS = 50V, RL = 2.5
3nS
tF
4.5nS
Maximum
Ratings
Symbol
Test Conditions
fMAX
ID = 0.5IDM25
40MHz
VDSS
1000V
VCC, VCCIN
20V
IDSS
VDS = 0.8VDSS
TJ = 25C
50uA
VGS = 0V
TJ = 125C
1mA
IDM25
TC
= 25°C
12A
IDM
TC = 25°C, Pulse limited by TJM
72A
IAR
TC = 25°C
12A
PT (MOSFET and Driver)
TC
= 25°C
TBD 500W
RthJC
0.25 °C/W
RthJHS
TBD °C/W
Parameter
Value
Maximum Junction Temperature
150°C
Operating Temperature Range
- 40°C to 85°C
Weight
5.5g



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com