| Electronic Components Datasheet Search |
|
IXZ4DF18N50 Datasheet(PDF) 6 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXZ4DF18N50 Datasheet(HTML) 6 Page - IXYS Corporation |
|
6 / 7 page ![]() IXZ4DF18N50 RF Power MOSFET & DRIVER SYMBOL FUNCTION DESCRIPTION Drain MOSFET Drain Drain of Power MOSFET. Source MOSFET Source Source of Power MOSFET. This connection is common to DGND. VCC Driver Section Supply Voltage Power supply input for the driver output section. These leads provide power to the output section of the DEIC515 driver. Both leads must be connected. VCCIN Input Section Supply Voltage Input for the positive input section power-supply voltage. This lead provide power to the in- put section of the DEIC515 driver. This lead should not be directly connected to VCC. IN Input Input signal. DGND Power Driver Ground The system ground leads. Internally connected to all circuitry, these leads provide ground reference for the entire chip. These leads should be connected to a low noise analog ground plane for optimum performance. INGND Input Section Ground The input section ground lead. This lead is a Kelvin connection internally connected to DGND. This lead must not be connected to DGND as excessive current can damage this lead. Lead Description IXYS RF reserves the right to change limits, test conditions and dimensions without notice. IXYS RF MOSFETS are covered by one or more of the following U.S. patents: 4,835,592 4,860,072 4,881,106 4,891,686 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025 5,640,045 6,404,065 6,583,505 6,710,463 6,727,585 6,731,002 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |