Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73070 Datasheet(PDF) 2 Page - Pomona Electronics

Part # 73070
Description  SMA Plug to SMA Bulkhead Jack, RG316/U, RG58C/U
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

73070 Datasheet(HTML) 2 Page - Pomona Electronics

  73070 Datasheet HTML 1Page - Pomona Electronics 73070 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA:
Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe:
31-(0) 40 2675 150 International: 425-446-5500
Where to Buy:
www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks are
the property of their respective companies.
Copyright © 2009
D2018855 Rev. 002
Page 2 of 2
Model 73070
SMA Plug to SMA Bulkhead Jack, RG316/U, RG58C/U
Ordering Information
Model: 73070
Cable Designators: C = RG58C/U, BB = RG316/U
Standard Lengths: 12”, 24”, 36”, 48”, 60”
-
12” ± .157” (305mm ± 4mm)
-
24” ± .275” (610mm ± 7mm)
-
36” ± .394” (914mm ± 10mm)
-
48” ± .512” (1219mm ± 13mm)
-
60” ± .630” (1524mm ± 16mm)
Ordering Example: 73070-C-48, Cable is RG58C/U with length of 48” (1219mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com