Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDST-21-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDST-21-G
Description  Small Signal Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST-21-G Datasheet(HTML) 2 Page - Comchip Technology

  CDST-21-G Datasheet HTML 1Page - Comchip Technology CDST-21-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
QW-B0015
RATING AND CHARACTERISTIC CURVES (CDST-21/A/C/S-G)
Forward Voltage (V)
3.5
2
1
0
Fig.1 Forward Characteristics
1
10
100
1000
Reverse Current (nA)
0
Fig.2 Reverse Characteristics
1
10
100
1000
4
Comchip Technology CO., LTD.
Page 2
REV:B
5000
7000
2
Small Signal Switching Diodes
1.5
0.5
3
2.5
O
TA=-55 C
O
TA=25 C
O
TA=155 C
1
3
3000
O
TA=-25 C
O
TA=25 C
O
TA=155 C
COMCHIP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com