Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

202201B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 202201B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

202201B Datasheet(HTML) 5 Page - Integrated Technology Future

  202201B Datasheet HTML 1Page - Integrated Technology Future 202201B Datasheet HTML 2Page - Integrated Technology Future 202201B Datasheet HTML 3Page - Integrated Technology Future 202201B Datasheet HTML 4Page - Integrated Technology Future 202201B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 202201B
Part No.
202201B
CH1
CH1
S 21
log MAG
10 dB/
REF -21.88 dB
START
.010 000 MHz
STOP 250.000 000 MHz
PRm
28 Oct 2003 15:30:45
1
1_:-21.876 dB
70.000 000 MHz
Rev. Date
2004-04-21
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM3030-CS03
5/5
S 21
log MAG
1 dB/
REF -21.48 dB
CENTER 70.000 000 MHz
SPAN 11.000 000 MHz
Cor
PRm
CH2
log MAG
REF -21.51 dB
1 dB/
Cor
S 21
PRm
28 Oct 2003 15:20:45
1
1
2
3
4
1_: 0
dB
0.000 000 MHz
REF=1
BW:
9.281 349 MHz
cent: 69.967447 MHz
Q: 7.5385
1_ loss: -21.828 dB
2
2
3
3_ -.0834 dB
8.800 000 MHz
REF=2
mean:-21.868 dB
s.dev: .1747 dB
p-p: .7876 dB
CH1
CH1
S 11
1 U FS
CENTER 70.000 000 MHz
SPAN 27.000 000 MHz
Cor
PRm
CH2
S 22
1 U FS
Cor
PRm
28 Oct 2003 15:25:46
1
1_: 14.016
-64.559
35.218 pF
70.000 000 MHz
2
2_ 15.703
-67.977
33.447 pF
70.000 000 MHz
S 11
SWR
10 /
REF 9.789
Cor
PRm
CH2
SWR
REF 9.292
10 /
CENTER 70.000 000 MHz
SPAN 27.000 000 MHz
Cor
S 22
PRm
28 Oct 2003 15:25:35
1
1
1_ 9.8354
70.000 000 MHz
2
2
2_: 9.2842
70.000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com