Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1200 Datasheet(PDF) 3 Page - Emerson Network Power

Part # DS1200
Description  1200 Watts Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS1200 Datasheet(HTML) 3 Page - Emerson Network Power

  DS1200 Datasheet HTML 1Page - Emerson Network Power DS1200 Datasheet HTML 2Page - Emerson Network Power DS1200 Datasheet HTML 3Page - Emerson Network Power DS1200 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. 9.10.09_22
DS1200
 of 4
Embedded Power for
Business-Critical Continuity
7.02 ± 0.80
(3X) (200.9)
LABEL MODEL
279.4 ± 1.0
200.9
AIRFLOW DIRECTION
EMI GASKET - LEIRD 77-018
(3X) EMI GASKET - LEIRD 77-018
30.0
HANDLE
LATCH
3.2
8.0
PROGRAMMING WINDOW
275.5 ± 0.7
81.3 ± 0.8
5.7 ± 0.5
18.4 ± 0.5
7.2 ± 0.5
15.3 ± 0.5
39.9 ± 0.5
200.9
EMI GASKET - LEIRD 77-018
68.8
6.0
9.0
(2X) 1.5 X 45° CHAMPER
RECOMMENDED KEY
HEIGHT IS 2.5MM MAX.
C19 AC-INLET
FAN 36 X 36 X 28MM
PURE ORANGE
WAVE LENGTH: 607 GREEN
WAVE LENGTH: 565
7.6
16.1
1.9
Condition
LEDStatus
Stand-by-ON;Mainoutput-OFF;ACPRESENT
Blinkinggreen
Stand-by-ON;Mainoutput-ON;
Solidgreen
MainoutputOCP,UVP,OVP
BlinkingAmber
FAN_FAULT;OTP;Stand-byOCP/UVP
Amber
MechanicalDrawing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com