Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPT101-M Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPT101-M
Description  130 Watts Medical and ITE safeties
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPT101-M Datasheet(HTML) 1 Page - Emerson Network Power

  LPT101-M Datasheet HTML 1Page - Emerson Network Power LPT101-M Datasheet HTML 2Page - Emerson Network Power LPT101-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 10.9.09_141
LPT100-M Series
1 of 3
Embedded Power for
Business-Critical Continuity
LPT100-M Series
130 Watts
Special Features
• MedicalandITEsafeties
• Activepowerfactorcorrection
• 2”x4”footprint
• Lessthan1Uhigh
• EN61000-3-2compliant
• Remotesense
• Powerfail
• Adjustablemainoutput
• Built-inClassBEMIfilter
• Overvoltageprotection
• Overloadprotection
• Thermaloverloadprotection
• LPX50enclosurekitavailable
Total Power:
80 - 130 Watts
Input Voltage:
90-264Vac
# of Outputs:
Triple
Electrical Specifications
Safety
Input
Inputrange:
90-264Vac;127-300Vdc
Frequency:
47-63Hz
Inrushcurrent:
50Amax.,coldstart@25°C
Efficiency:
82%typicalatfullload
EMI/RFI:
FCCClassBconducted;CISPR22ClassBconducted;
EN55022ClassBconducted;VDE0878PT3ClassBconducted
Safetyground
leakagecurrent:
275µA@50/60Hz,264Vacinput
Output
Maximumpower:
80Wforconvection;
130Wwith200LFMforcedair
Adjustmentrange:
Alloutputsadjustable-40%,+10%,exceptfor+24VoutputonLPT104-M
whichwillbe-10%,+20%and3.3VoutputontheLPT101-M+10%,-15%
Hold-uptime:
10ms@130Wload,120Vacinput
Overloadprotection:
Shortcircuitprotectiononalloutputs.Caseoverload
protected@110-160%aboveratingforV1&V2,110-190%forV3
Overvoltageprotection: 15-35%abovenominaloutput
LogicalControl
Powerfailure:
ActiveLowTTLlogicsignalgoeshigh100-500msecaftermainoutput;it
goeslowatleast6msecbeforelossofregulation
Remotesense:
Compensatesfor0.5Vleaddropmin.Willoperatewithoutremotesense
connected.Reverseconnectionprotected.
• TUV 60950,60601-1
• UL
60950,60601-1
• CSA
60950,60601-1
• NEMKO
60950,60601-1
• AUSTEL
60950,60601-1
• CB
Certificate&report
• CE
Mark(LVD)


Similar Part No. - LPT101-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPT101-M ARTESYN-LPT101-M Datasheet
664Kb / 4P
Total Power: 80 - 130 Watts
LPT101-M ARTESYN-LPT101-M Datasheet
664Kb / 4P
EN61000-3-2 compliant
logo
Advanced Energy Industr...
LPT101-M ADVANCEDENERGY-LPT101-M Datasheet
535Kb / 6P
130 Watts
01 12.30
More results

Similar Description - LPT101-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DA12-M EMERSON-NETWORKPOWER-DA12-M Datasheet
692Kb / 4P
Medical and ITE Safeties
LPS100-M EMERSON-NETWORKPOWER-LPS100-M Datasheet
618Kb / 3P
Medical and ITE safeties
LPS200-M EMERSON-NETWORKPOWER-LPS200-M Datasheet
757Kb / 3P
Medical and ITE safeties
LPS200-M EMERSON-NETWORKPOWER-LPS200-M_09 Datasheet
791Kb / 3P
Medical and ITE safeties
DA12-M EMERSON-NETWORKPOWER-DA12-M_09 Datasheet
603Kb / 4P
Medical and ITE Safeties
LPS202-M EMERSON-NETWORKPOWER-LPS202-M Datasheet
517Kb / 3P
Medical and ITE safeties
LPS100-M EMERSON-NETWORKPOWER-LPS100-M_09 Datasheet
643Kb / 3P
150 Watts Medical and ITE safeties
LPS200-M_0907 EMERSON-NETWORKPOWER-LPS200-M_0907 Datasheet
517Kb / 3P
250 Watts Medical and ITE safeties
logo
Artesyn Technologies
DA12-M ARTESYN-DA12-M Datasheet
2Mb / 6P
Medical and ITE Safeties
DP40 ARTESYN-DP40 Datasheet
516Kb / 2P
Medical and ITE safeties
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com