Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS110-7604PJ Datasheet(PDF) 1 Page - Emerson Network Power

Part # NFS110-7604PJ
Description  Single & Quad output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS110-7604PJ Datasheet(HTML) 1 Page - Emerson Network Power

  NFS110-7604PJ Datasheet HTML 1Page - Emerson Network Power NFS110-7604PJ Datasheet HTML 2Page - Emerson Network Power NFS110-7604PJ Datasheet HTML 3Page - Emerson Network Power NFS110-7604PJ Datasheet HTML 4Page - Emerson Network Power NFS110-7604PJ Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
NFS110 Series
Single & Quad output
Special Features
• 7.0 x 4.25 x 1.8 inch package
• Overvoltage and short circuit
protection
• 110 W with 20 CFM
• Adjustable outputs
• EN55022, EN55011 conducted
emissions level B
• UL, VDE and CSA safety
approvals
• CE mark
• Available RoHS compliant
• 2 year warranty
Total Power:
80 - 110 W
Input Voltage: 85 - 264 Vac
120 - 370 Vdc
# of Outputs:
Single, quad
Safety
• VDE0805/EN60950/
• IEC950/IEC1010
File No. 10401-3336-0213
• Licence No. 4001467 7
• UL1950 File No. E132002
• CSA C22.2 No. 950
File No. LR41062C
Rev. 11.2.09_69
NFS110 Series
1 of 5
Electrical Specifications
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated
Output
Voltage adjustability:
+5.1 V o/p on multi’s
5.1 V single output
12 V single output
15 V single output
24 V single output
3.0%
3.0%
12 - 14 V
15 - 18 V
24 - 30 V
Line regulation:
LL to HL, FL
All outputs on all units
±0.1% max.
Overshoot/undershoot:
At turn-on
0%
Temperature coefficient:
All outputs
±0.02%/°C
Overvoltage protection:
Multi o/p 5.1 V only
5.1 V single output
12 V single output
15 V single output
24 V single output
6.25 V ± 0.75 V
6.25 V ± 0.75 V
15.75 V ± 1.0 V
22 V ± 1.5 V
33 V ± 2.5 V
Output power limit:
Primary power limited
Pin max. 160 W
Pout min. 110 W
Minimum output current:
(See Note 13)
0 A
Short circuit protection:
Burst mode operation
Input
Input voltage range:
85 - 264 Vac
120 - 370 Vdc
Input frequency range:
47 - 440 Hz
Input surge current:
230 Vac
35 A
Safety ground leakage current:
110 Vac, 50 Hz
230 Vac, 50 Hz
0.2 mA, max.
0.4 mA, max.


Similar Part No. - NFS110-7604PJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NFS110-7604PJ EMERSON-NETWORKPOWER-NFS110-7604PJ Datasheet
242Kb / 4P
110 W universal input ac-dc power supply
NFS110-7604PJ EMERSON-NETWORKPOWER-NFS110-7604PJ Datasheet
548Kb / 5P
Single & quad output
logo
Artesyn Technologies
NFS110-7604PJ ARTESYN-NFS110-7604PJ Datasheet
513Kb / 5P
Single & Quad output
More results

Similar Description - NFS110-7604PJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL30 VISHAY-IL30 Datasheet
180Kb / 9P
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
26-Oct-04
logo
Emerson Network Power
NFS110-7601PJ EMERSON-NETWORKPOWER-NFS110-7601PJ Datasheet
548Kb / 5P
Single & quad output
NFS110-7902P EMERSON-NETWORKPOWER-NFS110-7902P Datasheet
426Kb / 5P
Single and quad output
logo
Artesyn Technologies
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
Single, dual, triple and quad output
NFS110-7601PJ ARTESYN-NFS110-7601PJ Datasheet
513Kb / 5P
Single & Quad output
NFS110-7902PJ ARTESYN-NFS110-7902PJ Datasheet
992Kb / 5P
Single and quad output
NFS110-7924J ARTESYN-NFS110-7924J Datasheet
992Kb / 5P
Single and quad output
logo
Vishay Siliconix
IL30 VISHAY-IL30_14 Datasheet
232Kb / 10P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
28-Jul-14
ILQ55 VISHAY-ILQ55_V01 Datasheet
259Kb / 11P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
20-Sep-2021
IL30 VISHAY-IL30_V02 Datasheet
259Kb / 11P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
20-Sep-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com