Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB4030 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MBRB4030
Description  SWITCHMODE??Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRB4030 Datasheet(HTML) 3 Page - Motorola, Inc

  MBRB4030 Datasheet HTML 1Page - Motorola, Inc MBRB4030 Datasheet HTML 2Page - Motorola, Inc MBRB4030 Datasheet HTML 3Page - Motorola, Inc MBRB4030 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBRB4030
3
Rectifier Device Data
ELECTRICAL CHARACTERISTICS
IF(AV), AVERAGE FORWARD CURRENT (A)
50
40
30
20
10
0
70
50
30
60
40
80
DC
10
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
20
15
10
5
0
50
100
DC
10
20
SQUARE WAVE
150
12
10
8
6
2
0
150
100
050
t, TIME (ms)
1.0
0.1
0.01
100
0.1
10
1.0
1000
SINGLE PULSE
SURFACE MOUNTED ON
MINIMUM RECOMMENDED
PAD SIZE
R
θJA = 25°C/W
4
SQUARE WAVE
20
010
IPK
IAV
= 5.0 (CAPACITIVE
LOAD)
IPK
IAV
= 5.0 (CAPACITIVE
LOAD)
π (RESISTIVE LOAD)
IPK
IAV
= 5.0 (CAPACITIVE
LOAD)
20
TJ = 150°C
10
20
DC
π (RESISTIVE LOAD)
R
θJA = 50°C/W
π
(RESISTIVE LOAD)
SQUARE WAVE
TC, CASE TEMPERATURE (°C)
70
50
40
30
20
10
0
140
120
100
130
110
150
10
20
SQUARE WAVE
60
DC
IPK
IAV
= 5.0
π (RESISTIVE LOAD)
(CAPACITIVE
LOAD)
Ppk
Ppk
tp
t1
TIME
DUTY CYCLE, D = tp/t1
PEAK POWER, Ppk, is peak of an
equivalent square power pulse.
∆TJL = Ppk • RθJL [D + (1 – D) • r(t1 + tp) + r(tp) – r(t1)]
where
∆TJL = the increase in junction temperature above the lead temperature
r(t) = normalized value of transient thermal resistance at time, t, for example,
r(t) = r(t1 + tp) = normalized value of transient thermal resistance at time, t1 + tp.
Figure 6. Current Derating, Infinite Heatsink
Figure 7. Current Derating
Figure 8. Current Derating, Free Air
Figure 9. Forward Power Dissipation
Figure 10. Thermal Response



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com