Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0802LCWM Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0802LCWM
Description  8-Bit 關P Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0802LCWM Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button ADC0802LCWM Datasheet HTML 13Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 14Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 15Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 16Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 17Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 18Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 19Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 20Page - National Semiconductor (TI) ADC0802LCWM Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Functional Description (Continued)
±1⁄2 LSB from the ideal center-values. Each tread (the range
of analog input voltage that provides the same digital output
code) is therefore 1 LSB wide.
Figure 2 shows a worst case error plot for the ADC0801. All
center-valued inputs are guaranteed to produce the correct
output codes and the adjacent risers are guaranteed to be
no closer to the center-value points than ±1⁄4 LSB. In other
words, if we apply an analog input equal to the center-value
±1⁄4 LSB, we guarantee that the A/D will produce the correct
digital code. The maximum range of the position of the code
transition is indicated by the horizontal arrow and it is guar-
anteed to be no more than 1⁄2 LSB.
The error curve of
Figure 3 shows a worst case error plot for
the ADC0802. Here we guarantee that if we apply an analog
input equal to the LSB analog voltage center-value the A/D
will produce the correct digital code.
Next to each transfer function is shown the corresponding
error plot. Many people may be more familiar with error plots
than transfer functions. The analog input voltage to the A/D
is provided by either a linear ramp or by the discrete output
steps of a high resolution DAC. Notice that the error is
continuously displayed and includes the quantization uncer-
tainty of the A/D. For example the error at point 1 of
Figure 1
is +1⁄2 LSB because the digital code appeared 1⁄2 LSB in
advance of the center-value of the tread. The error plots
always have a constant negative slope and the abrupt up-
side steps are always 1 LSB in magnitude.
Transfer Function
DS005671-81
Error Plot
DS005671-82
FIGURE 1. Clarifying the Error Specs of an A/D Converter
Accuracy=±0 LSB: A Perfect A/D
Transfer Function
DS005671-83
Error Plot
DS005671-84
FIGURE 2. Clarifying the Error Specs of an A/D Converter
Accuracy=±1⁄4 LSB
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com