Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F8973 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F8973
Description  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F8973 Datasheet(HTML) 2 Page - Integrated Technology Future

  F8973 Datasheet HTML 1Page - Integrated Technology Future F8973 Datasheet HTML 2Page - Integrated Technology Future F8973 Datasheet HTML 3Page - Integrated Technology Future F8973 Datasheet HTML 4Page - Integrated Technology Future F8973 Datasheet HTML 5Page - Integrated Technology Future F8973 Datasheet HTML 6Page - Integrated Technology Future F8973 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F8973
Part No.
F8973
Specifications
Fc = 897.5MHz
Terminating source impedance
: 50
Ω
Terminating load impedance
: 50
Ω
Minimum
Typical
Maximum
Center Frequency ( Fc )
MHz
-
897.5
-
Insertion Loss (Fc +/- 17.5 MHz)
dB
-
3.5
4.5
Amplitude Ripple (Fc +/- 17.5 MHz)
dB
-
1.5
2.0
Absolute Group Delay at Fc
nsec
-
35
-
Group Delay Variation (Fc +/- 17.5 MHz)
nsec
-
15
-
VSWR (Fc +/- 17.5 MHz)
-
1.5
2.0
Relative Attenuation
…
~ Fc - 80 MHz
Fc + 120 MHz ~
…
dB
45
45
50
50
-
Temperature Coefficient of Frequency
ppm/°C
-
-80
-
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Rev. Date
2004-11-01
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR3008-AS02
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com