Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF10L60CT Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRF10L60CT
Description  SWITCHMODE??Power Rectifier 60 V, 10 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF10L60CT Datasheet(HTML) 2 Page - ON Semiconductor

  MBRF10L60CT Datasheet HTML 1Page - ON Semiconductor MBRF10L60CT Datasheet HTML 2Page - ON Semiconductor MBRF10L60CT Datasheet HTML 3Page - ON Semiconductor MBRF10L60CT Datasheet HTML 4Page - ON Semiconductor MBRF10L60CT Datasheet HTML 5Page - ON Semiconductor MBRF10L60CT Datasheet HTML 6Page - ON Semiconductor MBRF10L60CT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MBR10L60CT, MBRF10L60CT
http://onsemi.com
2
MAXIMUM RATINGS (Per Diode Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
Average Rectified Forward Current
(Per Leg)
(Rated VR) TC = 140°C
(Per Device)
IF(AV)
5
10
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
200
A
Operating Junction Temperature (Note 1)
TJ
−55 to +150
°C
Storage Temperature
Tstg
−65 to +175
°C
ESD Ratings:
Machine Model = C
Human Body Model = 3B
> 400
> 8000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Thermal Resistance
MBR10L60CT
Junction−to−Case
Junction−to−Ambient
MBRF10L60CT
Junction−to−Case
Junction−to−Ambient
RqJC
RqJA
RqJC
RqJA
2.8
70
5.7
75
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Rating
Symbol
Typ
Max
Unit
Maximum Instantaneous Forward Voltage (Note 2)
(IF = 5 A, TC = 25°C)
(IF = 5 A, TC = 125°C)
(IF = 10 A, TC = 25°C)
(IF = 10 A, TC = 125°C)
vF
0.49
0.43
0.60
0.53
0.57
0.49
0.66
0.61
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated DC Voltage, TC = 25°C)
(Rated DC Voltage, TC = 125°C)
iR
77
33
220
60
mA
mA
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.
DEVICE ORDERING INFORMATION
Device Order Number
Package Type
Shipping
MBR10L60CTG
TO−220AB
(Pb−Free)
50 Units / Rail
MBRF10L60CTG
TO−220FP
(Pb−Free)
50 Units / Rail



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com