Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4621 Datasheet(PDF) 5 Page - Integrated Technology Future

Part # F4621
Description  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F4621 Datasheet(HTML) 5 Page - Integrated Technology Future

  F4621 Datasheet HTML 1Page - Integrated Technology Future F4621 Datasheet HTML 2Page - Integrated Technology Future F4621 Datasheet HTML 3Page - Integrated Technology Future F4621 Datasheet HTML 4Page - Integrated Technology Future F4621 Datasheet HTML 5Page - Integrated Technology Future F4621 Datasheet HTML 6Page - Integrated Technology Future F4621 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SAW Bandpass Filter F4621
Input / Output VSWR Charts
CH2
S 11
SWR
REF 1
1 /
CH2 CENTER 465.000 000 MHz
SPAN 30.000 000 MHz
Cor
PRm
21 Oct 2003 15:59:20
1
2
3
4
5
5_: 1.1469
462.500 000 MHz
1_: 11.36
450 MHz
2_: 6.4784
455 MHz
3_: 1.2644
460 MHz
4_: 1.5524
465 MHz
CH2
S 22
SWR
REF 1
1 /
CH2 CENTER 465.000 000 MHz
SPAN 30.000 000 MHz
Cor
PRm
21 Oct 2003 16:00:25
1
2
3
4
5
5_: 1.0959
462.500 000 MHz
1_: 12.684
450 MHz
2_: 7.0646
455 MHz
3_: 1.1647
460 MHz
4_: 1.7426
465 MHz
Input / Output Smith Charts
CH1
S 11
1 U FS
CH1 CENTER 465.000 000 MHz
SPAN 100.000 000 MHz
Cor
PRm
21 Oct 2003 16:00:55
1
2
3
4
5
5_: 56.846
-2.0566
167.32 pF
462.500 000 MHz
1_: 4.5454
11.392
450 MHz
2_: 9.6836
25.77
455 MHz
3_: 40.902
6.3633
460 MHz
4_: 31.828
0.6719
465 MHz
CH1
S 22
1 U FS
CH1 CENTER 465.000 000 MHz
SPAN 100.000 000 MHz
Cor
PRm
21 Oct 2003 16:01:30
1
2
3
4
5
5_: 53.764
-1.2578
273.59 pF
462.500 000 MHz
1_: 4.1323
10.135
450 MHz
2_: 8.0811
23.682
455 MHz
3_: 42.945
1.9805
460 MHz
4_: 29.463
-2.9736
465 MHz
Part No.
F4621
Rev. Date
2006-06-08
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR3017-AS02
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com