Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4471 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F4471
Description  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F4471 Datasheet(HTML) 2 Page - Integrated Technology Future

  F4471 Datasheet HTML 1Page - Integrated Technology Future F4471 Datasheet HTML 2Page - Integrated Technology Future F4471 Datasheet HTML 3Page - Integrated Technology Future F4471 Datasheet HTML 4Page - Integrated Technology Future F4471 Datasheet HTML 5Page - Integrated Technology Future F4471 Datasheet HTML 6Page - Integrated Technology Future F4471 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F4471
Part No.
F4471
Specifications
Fc = 447.725MHz
Terminating source impedance
: 50
Ω and matching network
Terminating load impedance
: 50
Ω and matching network
Minimum
Typical
Maximum
Center Frequency ( Fc )
MHz
-
447.725
-
Insertion Loss (Fc +/- 12.5 kHz)
dB
-
3.8
5.5
Amplitude Ripple (Fc +/- 12.5 kHz)
dB
-
-
-
Absolute Group Delay at Fc
usec
-
3.5
-
Group Delay Variation (Fc +/- 12.5 kHz)
usec
-
0.5
-
VSWR (Fc +/- 12.5 kHz)
-
1.5
2.2
Attenuation
Fo +/- 12.5 kHz
Fo +/- 750.0 kHz ~ Fo +/- 2.0 MHz
Fo +/- 2.0 MHz ~
dB
dB
dB
-
30
55
Rev. Date
2004-04-16
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR4001-AS02
2/7
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
3.8
35
65
5.5
-
-
ppm/°C
2
Temperature Coefficient of Frequency
-
-0.032
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com