Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2201 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F2201
Description  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F2201 Datasheet(HTML) 2 Page - Integrated Technology Future

  F2201 Datasheet HTML 1Page - Integrated Technology Future F2201 Datasheet HTML 2Page - Integrated Technology Future F2201 Datasheet HTML 3Page - Integrated Technology Future F2201 Datasheet HTML 4Page - Integrated Technology Future F2201 Datasheet HTML 5Page - Integrated Technology Future F2201 Datasheet HTML 6Page - Integrated Technology Future F2201 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F2201
Part No.
F2201
Rev. Date
2008.10.07.
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR6001-AS03
2/7
Specifications
Fc = 220.0MHz
Terminating source impedance
: 50
Ω and matching network
Terminating load impedance
: 50
Ω and matching network
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
Minimum
Typical
Maximum
Center Frequency ( Fc )
MHz
-
220.0
-
Insertion Loss (Fc +/- 0.5 MHz)
dB
-
2.5
3.5
Amplitude Ripple (Fc +/- 0.5 MHz)
dB
-
1.0
1.5
Absolute Group Delay at Fc
nsec
-
250
-
Group Delay Variation (Fc +/- 0.5 MHz)
nsec
-
250
-
VSWR (Fc +/- 0.5 MHz)
-
1.5
-
Relative Attenuation
…
~ Fc - 10 MHz
Fc + 20 MHz ~
…
dB
40
40
45
45
-
Temperature Coefficient of Frequency
ppm/°C
-
-32
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com