Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20100CT Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR20100CT
Description  SWITCHMODE??Power Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR20100CT Datasheet(HTML) 3 Page - ON Semiconductor

  MBR20100CT Datasheet HTML 1Page - ON Semiconductor MBR20100CT Datasheet HTML 2Page - ON Semiconductor MBR20100CT Datasheet HTML 3Page - ON Semiconductor MBR20100CT Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBR2080CT, MBR2090CT, MBR20100CT
http://onsemi.com
3
Figure 1. Typical Forward Voltage Per Diode
Figure 2. Typical Reverse Current Per Diode
Figure 3. Typical Current Derating, Case, Per Leg
Figure 4. Typical Current Derating, Ambient, Per Leg
Figure 5. Average Power Dissipation and
Average Current
0.6
0
vF, INSTANTANEOUS VOLTAGE (VOLTS)
20
50
10
VR, REVERSE VOLTAGE (VOLTS)
0
80
TC, CASE TEMPERATURE (°C)
15
0
TA, AMBIENT TEMPERATURE (°C)
20
0
20
0
40
4.0
8.0
0
AVERAGE CURRENT (AMPS)
20
8.0
6.0
4.0
2.0
0
6.0
5.0
3.0
0.2
0.4
0.8
20
40
60
80
0.1
1.0
100
120
140
160
60
80
160
10
20
12
14
1.0
0.5
1.0
10
2.0
14
16
18
10
12
dc
SQUARE WAVE
dc
TJ = 25°C
150
°C
TJ = 150°C
125
°C
100
°C
0.01
25
°C
10
20
15
10
100
120
140
RATED VOLTAGE
APPLIED
SQUARE WAVE
dc
RATED VOLTAGE APPLIED
RqJC = 2°C/W
(HEATSINK)
RqJA = 16°C/W
(NO HEATSINK)
RqJA = 60°C/W
SQUARE WAVE
dc
TA = 25°C
125
°C
100
°C
0.5
0.1
0.3
0.7
0.9
100
180
5.0
5.0
180
18
16
IPK/IAV = p
IPK/IAV = 5.0
IPK/IAV = 10
IPK/IAV = 20
0.0001
0.001



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com