Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R45751 Datasheet(PDF) 3 Page - Integrated Technology Future

Part # R45751
Description  SAW Resonator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

R45751 Datasheet(HTML) 3 Page - Integrated Technology Future

  R45751 Datasheet HTML 1Page - Integrated Technology Future R45751 Datasheet HTML 2Page - Integrated Technology Future R45751 Datasheet HTML 3Page - Integrated Technology Future R45751 Datasheet HTML 4Page - Integrated Technology Future R45751 Datasheet HTML 5Page - Integrated Technology Future R45751 Datasheet HTML 6Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SAW Resonator R45751
Electrical Specification
FR = 457.5MHz
Terminating source impedance
: 50
Ω and matching network
Terminating load impedance
: 50
Ω and matching network
Minimum
Typical
Maximum
Resonance Frequency ( FR )
MHz
457.425
457.500
457.575
Insertion Loss
dB
-
1.5
2.5
50 ohm Loaded Q
Unloaded Q
2,000
11,000
Trun-over Temperature
°C
10
25
40
Temperature Coefficient of Frequency
ppm/°C
2
-
-0.032
-
Notes :
1)
All specifications are based on the matching schematic shown below
2)
All specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature
Matching Schematic
( Actual matching values may vary due to PCB layout and parasitics )
Part No.
R45751
Rev. Date
2004-04-20
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NS3127-AS01
3/6
I T F
Co., Ltd.
Input
Output
50Ω
50Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com